Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM5541SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM5541SR
Description  4.9GHz to 5.85GHz Switch and LNA Front End Solution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM5541SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM5541SR Datasheet HTML 1Page - RF Micro Devices RFFM5541SR Datasheet HTML 2Page - RF Micro Devices RFFM5541SR Datasheet HTML 3Page - RF Micro Devices RFFM5541SR Datasheet HTML 4Page - RF Micro Devices RFFM5541SR Datasheet HTML 5Page - RF Micro Devices RFFM5541SR Datasheet HTML 6Page - RF Micro Devices RFFM5541SR Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 7
RFFM5541
PROPOSED
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Parameters
(continued)
Passband Ripple
WiFi RX Mode
-0.9
+0.9
dB
4.9GHz to 5.1GHz
-0.9
+0.9
dB
Per U-NII band or 100MHz
WiFi RX Bypass Mode
-0.9
+0.9
dB
WiFi RX Port Return Loss
8
dB
IP1dB
-9
dBm
-10
dBm
Extended temp range -40°C to +85°C
IIP3
3
dBm
0
dBm
Extended temp range -40°C to +85°C
Transmit Switch Parameters
Control voltage = 2.5V to 4.8V, Temp=-15°C to +75°C,
unless otherwise noted
Frequency
4.90
5.85
GHz
Insertion Loss
1
1.8
dB
Includes temp range -40°C to +85°C
Passband Ripple
-0.2
+0.2
dB
Over all conditions; Per U-NII band or 100MHz
Input P1dB
29
31
dBm
Switch ports only, over all conditions; CW signal
27
dBm
Extended temp range -40°C to +85°C; CW signal
Input Power
21
dBm
System EVM=0.5% assumed for the incoming signal; 21dBm at the
input with 1% composite EVM at the output.
Input Return Loss
9.6
12
dB
Over all conditions
Output Return Loss
8.5
12
dB
Port Impedance Tuning
50
W
All RF ports tuned for 50
Ω system
Isolation TX to RX
20
dB
TX DC mode, path ANT to RX, over all conditions
Isolation RX to TX
20
dB
WiFi RX Bypass Mode, path ANT-TX, over all conditions
Switch Control Current
35
50
uA
Per control line, over all conditions
100
uA
Extended temp range -40°C to +85°C
Switch Control Speed
75
150
nsec
Over all conditions
Switch Logic Truth Table
Mode
C_TX/RX
LNA_EN
RX Gain
L
H
RX Bypass
L
L
TX
H
L


Similar Part No. - RFFM5541SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM5765Q RFMD-RFFM5765Q Datasheet
874Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
Qorvo, Inc
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765QPCBA-410 RFMD-RFFM5765QPCBA-410 Datasheet
874Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
Qorvo, Inc
RFFM5765QPCK-410 QORVO-RFFM5765QPCK-410 Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765QSQ RFMD-RFFM5765QSQ Datasheet
874Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
More results

Similar Description - RFFM5541SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
   4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
logo
Qorvo, Inc
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
   4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
logo
RF Micro Devices
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
   3.3V, SWITCH AND LNA FRONT END SOLUTION
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
   3.3 V, SWITCH AND LNA FRONT END SOLUTION
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com