Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4040 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4040
Description  2.5A Battery Backup Power Manager
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4040_15 Datasheet HTML 14Page - Linear Technology LTC4040_15 Datasheet HTML 15Page - Linear Technology LTC4040_15 Datasheet HTML 16Page - Linear Technology LTC4040_15 Datasheet HTML 17Page - Linear Technology LTC4040_15 Datasheet HTML 18Page - Linear Technology LTC4040_15 Datasheet HTML 19Page - Linear Technology LTC4040_15 Datasheet HTML 20Page - Linear Technology LTC4040_15 Datasheet HTML 21Page - Linear Technology LTC4040_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC4040
18
4040fa
For more information www.linear.com/LTC4040
applicaTions inForMaTion
NUMBER OF CYCLES
CAPACITY
CHARGE VOLTAGE (V)
4
4.1
4.2
4.3
4.4
4.5
0
250
500
750
1000
1250
1500
1750
2000
50
60
70
80
90
100
110
120
130
4040 F01
Figure 1. Battery Cycle Life and Capacity
as a Function of Charge Voltage
voltage to maximize battery lifetime since battery capacity
degrades even faster when batteries remain fully charged.
Because of the different Li-Ion battery chemistries and
other conditions that can affect battery lifetime, the curves
shown here are only estimates of the number of charge
cycles and battery-capacity levels.
PROGRAMMING THE INPUT VOLTAGE THRESHOLD
FOR THE POWER-FAIL COMPARATOR
The input voltage threshold below which the power-fail
status pin PFO indicates a power-fail condition and the
LTC4040 activates the backup boost operation can be
programmed by using a resistor divider from the supply
to GND via the PFI pin such that:
VSUPP(PFO) = VPFI • 1+
RPF1
RPF2


= 1.19V • 1+
RPF1
RPF2


VPFI is approximately 1.19V. See Block Diagram. The PFI
threshold voltage should be set to a level between 200mV
to 300mV below the nominal input supply voltage so that
the supply transients do not trip the comparator. On the
other hand, it should be set high enough so that the VSYS
voltage does not drop too much to trip the reset compara-
tor during the transition to backup mode.
PROGRAMMING THE BATTERY CHARGE CURRENT
Batterychargecurrentisprogrammedusingasingleresis-
tor from the PROG pin to ground. To set a charge current
of ICHG, the PROG pin resistor value can be determined
using the following equation:
RPROG = 2500•
0.8V
ICHG
=
2000V
ICHG
For example, to set the charge current to 1A, the value
of the PROG pin resistor should be 2k. The minimum
recommended charge current is 500mA, below which the
accuracy of the charge current suffers. This corresponds
to a maximum RPROG resistor of 4k.
CHOOSING A CHARGE VOLTAGE FOR THE BATTERY:
The LTC4040 offers 4 different charge voltage options for
each of the two battery chemistries (Li-Ion and LiFePO4)
and these levels are selected by the digital inputs F0, F1
and F2. Choosing a higher charge voltage increases the
battery capacity to provide a longer product run-time but
reduces the battery lifetime, usually measured by the
numberofcharge/dischargecycles.Batterymanufacturers
usually consider the end of life for a battery to be when
the battery capacity drops to 80% of the rated capacity.
The curves in Figure  1 show the relationship between
cell capacity and cycle life for a typical Li-Ion battery cell.
Using 4.2V as the charge voltage, a typical Li-Ion battery
is considered at 100% initial capacity but delivers about
500 charge/ discharge cycles before the capacity drops
to 80%. However, if the same battery uses 4.1V as the
charge voltage, it is at 85% initial capacity but the number
of charge/discharge cycles can be almost doubled to 1000
before the capacity drops to 80%. Lowering the charge
voltageevenfurtherto4.0Vcanincreasethebatterylifetime
more than three times to 1800 charge/ discharge cycles.
Since LTC4040 is a backup product, the battery is likely
to spend the majority of its lifetime fully charged. This
makes it even more critical to charge at a lower charge


Similar Part No. - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
logo
Analog Devices
LTC4040 AD-LTC4040 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
More results

Similar Description - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com