Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4040 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4040
Description  2.5A Battery Backup Power Manager
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4040_15 Datasheet HTML 9Page - Linear Technology LTC4040_15 Datasheet HTML 10Page - Linear Technology LTC4040_15 Datasheet HTML 11Page - Linear Technology LTC4040_15 Datasheet HTML 12Page - Linear Technology LTC4040_15 Datasheet HTML 13Page - Linear Technology LTC4040_15 Datasheet HTML 14Page - Linear Technology LTC4040_15 Datasheet HTML 15Page - Linear Technology LTC4040_15 Datasheet HTML 16Page - Linear Technology LTC4040_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC4040
13
4040fa
For more information www.linear.com/LTC4040
operaTion
TheLTC4040isacompletebatterybackupsystemmanager
for a 3.5V to 5.5V supply rail. The system has three prin-
cipalcircuitcomponents:afull-featuredstep-down(buck)
battery charger, a step-up (boost) backup converter with
automaticburstfeaturetodeliverpowertothesystemload
when external input power is lost and a power-fail com-
parator to decide which one to activate. The LTC4040 has
several other auxiliary components: an input current limit
(CLPROG)amplifier,anoptionalinputovervoltageprotec-
tion (OVP) circuit and a reset comparator.
The LTC4040 has three modes of operation: normal,
backup and shutdown. If the input supply is above an
externally programmable PFI threshold voltage, the part
is considered to be in normal mode in which power flows
from input to output (VSYS) while the step-down switch-
ing regulator charges the battery to one of eight charge
voltage settings programmed by the F0, F1, and F2 digital
inputs. Please refer to the Block Diagram. The total system
load is monitored by the CLPROG amplifier via an external
series resistor, RS, connected between the VIN and CLN
pins. This amplifier can reduce the charge current from its
programmed value (set by the PROG pin external resis-
tor RPROG) if the external load demand increases beyond
a programmable level set by RS. When the input supply
falls below the PFI threshold, backup mode disconnects
the switches (MN1 and MN2) to isolate the system (VSYS)
fromtheinputwhiletheboostconverterpowersthesystem
load from the battery using the same external inductor, L1.
THE BATTERY CHARGER
The LTC4040 includes a full-featured constant-current
(CC)/constant-voltage(CV)batterychargerwithautomatic
recharge, automatic termination by safety timer, low volt-
age trickle charging, bad-battery detection and thermis-
tor sensor input for out-of-temperature charge pausing.
The battery charger is a high efficiency buck switching
converter used to transfer charge from VSYS to BAT via
the SW pin. The charger can be disabled by pulling the
CHGOFF pin above 1.2V.
Buck Switching Charger
The LTC4040 battery charger is a constant frequency
(2.25MHz)synchronousbuckconvertercapableofdirectly
chargingthebatterytoitschargevoltagewithanexternally
programmable charge current up to 2.5A from an input
supplyashighas5.5V.Azerocurrentcomparatormonitors
the inductor current and shuts off the NMOS synchronous
rectifieroncethecurrentreducestoapproximately250mA.
This prevents the inductor current from reversing and
improves efficiency for low charging current.
Battery Preconditioning (Trickle Charge)
and Bad-Battery Fault
When a battery charge cycle begins, the battery charger
first determines if the battery is deeply discharged. If
the battery voltage is below VLOWBAT, typically 2.85V, an
automatic trickle charge feature sets the charge current
to 1/8th or 12.5% of the programmed value. To improve
charge current accuracy at this low level, the buck switch-
ing charger is turned off and a secondary linear charger
is used to deliver charge to the battery. If the low voltage
persists for more than half an hour, the battery charger
automatically terminates and indicates, via the CHRG and
FAULT pins, that the battery is in bad-battery fault.
Constant-Current Mode Charging
Once the battery voltage is above VLOWBAT, the charger
begins charging in full power constant-current mode. The
current delivered to the battery will try to reach 2000V/
RPROG. Depending on the external load condition, the
battery charger may or may not be able to charge at the
full programmed rate. The external load will always be
prioritized over the battery charge current. The battery
charger will charge at the full programmed rate only if
the sum of the external load and the charger input current
is less than or equal to the input current limit set by RS.


Similar Part No. - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
logo
Analog Devices
LTC4040 AD-LTC4040 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
More results

Similar Description - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com