Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4040 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4040
Description  2.5A Battery Backup Power Manager
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4040_15 Datasheet HTML 6Page - Linear Technology LTC4040_15 Datasheet HTML 7Page - Linear Technology LTC4040_15 Datasheet HTML 8Page - Linear Technology LTC4040_15 Datasheet HTML 9Page - Linear Technology LTC4040_15 Datasheet HTML 10Page - Linear Technology LTC4040_15 Datasheet HTML 11Page - Linear Technology LTC4040_15 Datasheet HTML 12Page - Linear Technology LTC4040_15 Datasheet HTML 13Page - Linear Technology LTC4040_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC4040
10
4040fa
For more information www.linear.com/LTC4040
pin FuncTions
VSYS (Pins 1, 24): System Voltage Output Pin. This pin is
used to provide power to an external load from either the
primary input supply or the backup battery if the primary
inputsupplyisnotavailable.Inadditiontosupplyingpower
to the load, this pin provides power to charge the battery
when input power is available. VSYS should be bypassed
with a low ESR ceramic capacitor of at least 100µF to GND.
PROG (Pin 2): Charge Current Program Pin. An external
resistor from the PROG pin to ground programs the full-
scale charge current. At full scale, the PROG pin servos
to 0.8V. The ratio of BAT pin current to PROG pin current
is internally set to 2500.
CLPROG (Pin 3): VSYS Current Monitoring Pin. The ratio
betweentheCLPROGpinvoltageandthedifferentialvoltage
between VINandCLNisinternallysetto32.Chargecurrent
is reduced when the CLPROG pin voltage reaches 0.8V.
CHGOFF (Pin 4): Disable Pin for the Battery Charger. Tie
this pin to GND to enable the charger or to a voltage above
1.2V to disable it. Do not leave this pin unconnected.
BSTOFF (Pin 5): Disable Pin for the Backup Boost Con-
verter. Tie this pin to GND to enable the boost backup or
to a voltage above 1.2V to disable backup. Do not leave
this pin unconnected.
VIN (Pin 6): Input Pin. Power can be applied directly to
this pin if the optional overvoltage protection (OVP) fea-
ture is not used. For applications where the OVP feature
is required, connect an external N-channel FET between
the power supply output VPWR and this pin.
CLN (Pin 7): Negative terminal pin for an external cur-
rent limit sense resistor connected between VIN and this
pin. This resistor is used to monitor the current from VIN
to VSYS. The LT4040 reduces charge current in order to
maintain25mVacrossthissenseresistor.However,itdoes
not limit the system current if the drop exceeds 25mV.
CHRG (Pin 8): Open-Drain Charge Status Output; typi-
cally pulled up through a resistor to a reference voltage.
During a battery charging cycle, CHRG is pulled low until
the charge current drops below C/8 when the CHRG pin
becomes high impedance.
FAULT (Pin 9): Open-Drain Fault Status Output; typically
pulled up through a resistor to a reference voltage. This
pin indicates charge cycle fault conditions during a battery
charging cycle. A temperature fault or a bad-battery fault
causes this pin to be pulled low. If no fault conditions
exist, the FAULT pin remains high impedance.
RSTFB (Pin 10): Reset Comparator Input. High Imped-
ance input to an accurate comparator with a 0.74V falling
threshold and 20mV hysteresis. This pin controls the state
of the RST output pin. An external resistor divider is used
betweenVSYS,RSTFBandGND.Itcanbethesameresistor
divider as the BSTFB divider to monitor the system output
voltage VSYS. See the Applications Information section.
RST (Pin 11): Open-Drain Status Output of the Reset
Comparator. This pin is pulled to ground by an internal
N-channel MOSFET whenever the RSTFB pin falls below
0.74V. Once the RSTFB pin voltage recovers, the pin be-
comes high impedance after a 232ms delay.
F2 (Pin 12): Logic Input to Select Battery Chemistry. A
logic high on this pin selects Li-Ion and a logic low selects
LiFePO4. Do not leave this pin unconnected.
F1, F0 (Pins 13, 14): Logic inputs to select one of the
four possible charge voltage settings for each battery
chemistry. Do not leave these pins unconnected.
F0
F1
F2 = 1: Li-Ion (V)
F2 = 0: LiFePO4 (V)
0
0
3.95
3.45
1
0
4.00
3.50
0
1
4.05
3.55
1
1
4.10
3.60
IGATE (Pin 15): Gate Pin for the External N-Channel FETs.
This pin is driven by an internal charge pump to develop
sufficient overdrive to fully enhance the pass transistors.
The first pass transistor is connected between the supply
output VPWR and VIN and is part of the optional overvolt-
age protection module. The second pass transistor, con-
nected between VIN and VSYS, is mandatory and is used
to disconnect the system from the input supply during
backup mode.


Similar Part No. - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
logo
Analog Devices
LTC4040 AD-LTC4040 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
More results

Similar Description - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com