Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4040 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4040
Description  2.5A Battery Backup Power Manager
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4040_15 Datasheet HTML 5Page - Linear Technology LTC4040_15 Datasheet HTML 6Page - Linear Technology LTC4040_15 Datasheet HTML 7Page - Linear Technology LTC4040_15 Datasheet HTML 8Page - Linear Technology LTC4040_15 Datasheet HTML 9Page - Linear Technology LTC4040_15 Datasheet HTML 10Page - Linear Technology LTC4040_15 Datasheet HTML 11Page - Linear Technology LTC4040_15 Datasheet HTML 12Page - Linear Technology LTC4040_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC4040
9
4040fa
For more information www.linear.com/LTC4040
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
VBAT = 3.6V
CSYS = 100µF
L = 2.2µH
VSYS
ISYS
TIME (ms)
–0.4
0.0
0.4
0.8
1.2
1.6
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0
1
2
3
4
5
6
7
Response to Load Step
Backup Boost Transient
4040 G23
VBAT = 3.6V
CSYS = 100µF
L = 2.2µH
ISYS
VSYS
TIME (ms)
–0.4
0.0
0.4
0.8
1.2
1.6
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0
1
2
3
4
5
6
7
Mode Transition Waveform
Burst Mode to Constant Frequency
4040 G24
TEMPERATURE (°C)
–45
–10
25
60
95
130
6.20
6.25
6.30
6.35
6.40
6.45
6.50
(Through 6.2k) vs Temperature
OVP Module Shutdown Voltage
4040 G25
TEMPERATURE (°C)
–45
–10
25
60
95
130
30
35
40
45
50
vs Temperature
OVSNS Pin Quiescent Current
4040 G26
INPUT = 5V
Backup Boost Transient
Response to Load Step
Burst Mode to Constant Frequency
Mode Transition Waveform
OVP Module Shutdown Voltage
(Through 6.2k) vs Temperature
OVSNS Pin Quiescent Current
vs Temperature


Similar Part No. - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
logo
Analog Devices
LTC4040 AD-LTC4040 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
More results

Similar Description - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com