Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3878 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3878
Description  Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3878 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3878_15 Datasheet HTML 3Page - Linear Technology LTC3878_15 Datasheet HTML 4Page - Linear Technology LTC3878_15 Datasheet HTML 5Page - Linear Technology LTC3878_15 Datasheet HTML 6Page - Linear Technology LTC3878_15 Datasheet HTML 7Page - Linear Technology LTC3878_15 Datasheet HTML 8Page - Linear Technology LTC3878_15 Datasheet HTML 9Page - Linear Technology LTC3878_15 Datasheet HTML 10Page - Linear Technology LTC3878_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC3878

3878fa
pin FuncTions
RUN/SS (Pin 1): Run Control and Soft-Start Input. A
capacitortogroundonthispinsetstheramptimetofull
output current (approximately 3s/µF) when RUN/SS is
open.Theswitchingoutputsaredisabledwhenbelow1.5V.
Thedeviceisinmicropowershutdownwhenunder0.7V.
Ifleftopen,thereisaninternal1.2µApull-upcurrenton
RUN/SS.INTVCCisenabledwhenRUN/SSexceeds0.7V.
PGOOD (Pin 2): Power Good Output. This open-drain
logicoutputispulledtogroundwhentheoutputvoltageis
outsideofa±7.5%windowaroundtheregulationpoint.
VRNG(Pin3):VDSSenseVoltageRangeInput.Themaxi-
mumallowedbottomMOSFETVDSsensevoltagebetween
SWandPGNDisequalto(0.133)VRNG.Thevoltageapplied
toVRNGcanbeanyvaluebetween0.2Vand2V.IfVRNGis
tiedtoSGND,thedeviceoperateswithamaximumvalley
currentsensethresholdof93mVtypical.IfVRNGistied
toINTVCC,thedeviceoperateswithamaximumvalley
currentsensethresholdof186mVtypical.
FCB(Pin4):ForcedContinuousInput.Connectthispin
toINTVCCtoenablediscontinuousmodeforlightload
operation.ConnectthispintoSGNDtoforcecontinuous
modeoperationinallconditions.
ITH(Pin5):CurrentControlThresholdandErrorAmplifier
CompensationPoint.Thecurrentcomparatorthreshold
increaseswiththiscontrolvoltage.Thevoltageranges
from0Vto2.4V,with0.8Vcorrespondingtozerosense
voltage(zerocurrent).
SGND(Pin6):SignalGround.Allsmall-signalcomponents
shouldbeconnectedtoSGND.ConnectSGNDtoPGND
usingasinglePCBtrace.
ION(Pin7):On-TimeCurrentInput.Tiearesistorfrom
VINtothispintosettheone-shottimercurrentandthus
theswitchingfrequency.
VFB(Pin8):ErrorAmplifierFeedbackInput.Thispincon-
nectstheerroramplifiertoanexternalresistivedivider
fromVOUT.
NC(Pin9):Forfactoryuseonly.Canbeconnectedtoany
voltageequaltoorlessthanINTVCC.
VIN(Pin10):MainInputSupply.Thesupplyvoltagecan
rangefrom4Vto38V.Forincreasednoiseimmunityde-
couplethispintoPGNDwithanRCfilter.
INTVCC (Pin 11): Internal 5.3V Regulator Output. The
driverandcontrolcircuitsarepoweredfromthisvoltage.
DecouplethispintoPGNDwithaminimumof1µF,10V
X5RorX7Rceramiccapacitor.
BG(Pin12):BottomGateDrive.Thispindrivesthegate
ofthebottomN-ChannelpowerMOSFETbetweenPGND
andINTVCC.
PGND(Pin13):PowerGround.Connectthispinasclose
aspracticaltothesourceofthebottomN-channelpower
MOSFET,the(–)terminalofCINTVCCandthe(–)terminal
ofCVIN.
SW(Pin14):SwitchNode.The(–)terminalofthebootstrap
capacitor,CB,connectstothisnode.Thispinswingsfrom
adiodevoltagebelowgrounduptoVIN.
TG(Pin15):TopGateDrive.Thispindrivesthegateofthe
topN-channelpowerMOSFETbetweenSWandBOOST.
BOOST(Pin16):BoostedFloatingDriverSupply.The(+)
terminalofthebootstrapcapacitor,CB,connectstothis
node.Thisnodeswingsfrom(INTVCC–VSCHOTTKY)to
VIN+(INTVCC–VSCHOTTKY).


Similar Part No. - LTC3878_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3878 LINER-LTC3878 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3878 LINER-LTC3878 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
More results

Similar Description - LTC3878_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1909-8 LINER-LTC1909-8_15 Datasheet
648Kb / 32P
   Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC1909-8 LINER-LTC1909-8 Datasheet
643Kb / 32P
   Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
LT3740 LINER-LT3740 Datasheet
232Kb / 20P
   Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com