Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4503PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4503PCK-410
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4503PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 9
RFFM4503
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) (continued)
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.85 GHz
PA_EN = High, LNA_EN = Low, CRX = Low
Unless otherwise noted
Operating Current
260
mA
POUT = 18.0dBm, 802.11ac MCS9 HT80
T = 25ºC, VCC = 3.3V
315
mA
POUT = 21.0dBm, 802.11ac MCS0 HT20
T = 25ºC, VCC = 3.3V
Second Harmonic
-38
-30
dBm/MHz
POUT = 20dBm, measured with a standard 802.11a
6Mbps waveform
Third Harmonic
-40
-35
dBm/MHz
Power Detector Voltage
0.25
0.30
0.35
V
POUT = 0dBm
0.55
0.65
0.75
V
POUT = 17.0dBm, 802.11ac MCS9 HT80
0.60
0.70
0.75
V
POUT = 18.0dBm, 802.11ac MCS9 HT80
0.7
0.80
0.9
V
POUT = 21.0dBm, 802.11ac MCS0 HT20
Transmit (TX-ANT)
VCC = 4.2V, T = +25ºC
f = 5.15GHz - 5.85 GHz
PA_EN = High, LNA_EN = Low, CRX = Low
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
17.0
18.0
dBm
T = 25ºC, VCC = 4.2V, 5.15GHz – 5.47GHz
19.0
20.0
dBm
T = 25ºC, VCC = 4.2V, 5.47GHz – 5.85GHz
802.11ac MCS9
Dynamic EVM Compliance
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS7 HT20 Output Power
19.0
20.0
dBm
T = 25ºC, VCC = 4.2V, 5.15GHz – 5.47GHz
20.0
21.0
dBm
T = 25ºC, VCC = 4.2V, 5.47GHz – 5.85GHz
802.11ac MCS7
Dynamic EVM Compliance
2.5
3.0
%
-32.0
-30.5
dB
802.11ac MCS0 Output Power
Spectral Mask Compliance
23.0
dBm
T = 25ºC, VCC = 4.2V, HT20
22.0
dBm
T = 25ºC, VCC = 4.2V, HT40, HT80
Large Signal Gain
27.5
29.5
dB
T = 25ºC, VCC = 4.2V
25.0
26.5
dB
T = 85ºC, VCC = 4.2V
Gain Flatness Over Full Frequency band
-1.5
1.5
dB
T = 25ºC, VCC = 4.2V
TX Port Return Loss
9
15
dB
ANT Port Return Loss
15
20
dB
Quiescent Current
180
mA
T = 25ºC, VCC = 4.2V, RF= OFF
Operating Current
280
mA
POUT = 20.0dBm, 802.11ac MCS9 HT80
T = 25ºC, VCC = 4.2V
350
mA
POUT = 23.0dBm, 802.11ac MCS0 HT20
T = 25ºC, VCC = 4.2V
Second Harmonic
-38
-30
dBm/MHz
POUT = 23dBm, measured with a standard 802.11a
6Mbps waveform
Third Harmonic
-40
-30
dBm/MHz
Power Detector Voltage
0.30
V
POUT = 0dBm
0.65
V
POUT = 17.5dBm, 802.11ac MCS9 HT80
0.75
V
POUT = 19.5dBm, 802.11ac MCS9 HT80
0.85
V
POUT = 23.0dBm, 802.11ac MCS0 HT20


Similar Part No. - RFFM4503PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4503PCK-410 QORVO-RFFM4503PCK-410 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4503PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com