Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4501FPCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4501FPCK-410
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501FPCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4501FPCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM4501FPCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFFM4501F
PRELIMINARY
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL, VEN)
6.0
V
Supply Voltage (VDD)
6.0
V
Maximum CW Input Power
+12
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +150
°C
Maximum Junction Temperature
+150
°C
ESD Rating - Human Body Model (HBM)
250
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Parameter
Operating Frequency
5.150
5.850
GHz
Extended Frequency
4.900
5.850
GHz
Functional with reduced performance
Operating Temperature
-20
+85
ºC
Extended Operating Temperature
-40
-20
ºC
Functional with reduced performance
Power Supply VCC
3.0
3.3
5.0
V
Control Voltage-High
2.8
3.1
VCC
V
PA_EN, LNA_EN, CRX
Control Voltage-Low
0
0.2
V
Package Size
2.9 x 2.9
x 0.9
3.0 x 3.0
x 0.975
3.1 x 3.1
x 1.05
mm
Length x Width x Height
Transmit (TX-ANT)
VCC = 3.3V, f = 5.15 - 5.85 GHz, PA_EN = High,
LNA_EN = Low, CRX = Low, T = +25ºC;
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
17.5
18.0
dBm
T = 25ºC, VCC = 3.3V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS9 HT80 Output Power
16.5
17.0
dBm
T = -20ºC to +85ºC, VCC = 3.3V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11n MCS7 HT20 Output Power
19.5
dBm
T = 25ºC, VCC = 3.3V
Dynamic EVM
2.5
3.0
%
-32.0
-30.5
dB
802.11n MCS7 HT20 Output Power
18
dBm
T = -20ºC to +85ºC, VCC = 3.3V
Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
Spectral Mask Output Power
20
dBm
T = 25ºC, VCC = 3.3V, 802.11ac MCS9 HT80
21
dBm
T = 25ºC, VCC = 3.3V, 802.11ac MCS0 HT20
Large Signal Gain
28
dB
T = 25ºC, VCC = 3.3V
Large Signal Gain
25
28
T = -20ºC to +85ºC, VCC = 3.3V
Gain Flatness Over Full Frequency band
-1.5
1.5
T = -25 ºC, VCC = 3.3V
TX Port Return Loss
9
15
dB


Similar Part No. - RFFM4501FPCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501 RFMD-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501 QORVO-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
RF Micro Devices
RFFM4501EPCK-410 RFMD-RFFM4501EPCK-410 Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results

Similar Description - RFFM4501FPCK-410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com