Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4501FSR Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM4501FSR
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501FSR Datasheet(HTML) 6 Page - RF Micro Devices

  RFFM4501FSR Datasheet HTML 1Page - RF Micro Devices RFFM4501FSR Datasheet HTML 2Page - RF Micro Devices RFFM4501FSR Datasheet HTML 3Page - RF Micro Devices RFFM4501FSR Datasheet HTML 4Page - RF Micro Devices RFFM4501FSR Datasheet HTML 5Page - RF Micro Devices RFFM4501FSR Datasheet HTML 6Page - RF Micro Devices RFFM4501FSR Datasheet HTML 7Page - RF Micro Devices RFFM4501FSR Datasheet HTML 8Page - RF Micro Devices RFFM4501FSR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 9
RFFM4501F
PRELIMINARY
Applications Schematic 5.0V Operation
Pdet
C_RX
1uF
LNA_EN
ANT
TX
RX
PA_EN
Vdd
VCC
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
8.2
Ω
150
Ω
1uF
4.7uF
6.8
Ω
6.8
Ω


Similar Part No. - RFFM4501FSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501 RFMD-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501 QORVO-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
RF Micro Devices
RFFM4501EPCK-410 RFMD-RFFM4501EPCK-410 Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results

Similar Description - RFFM4501FSR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com