Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRE02VTM4SFH Datasheet(PDF) 3 Page - Rohm

Part # RRE02VTM4SFH
Description  Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRE02VTM4SFH Datasheet(HTML) 3 Page - Rohm

  RRE02VTM4SFH Datasheet HTML 1Page - Rohm RRE02VTM4SFH Datasheet HTML 2Page - Rohm RRE02VTM4SFH Datasheet HTML 3Page - Rohm RRE02VTM4SFH Datasheet HTML 4Page - Rohm RRE02VTM4SFH Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRE02VTM4SFH
Electrical characteristic curves
RRE02VTM4SFH
0.1
1
10
110
100
T
j = 25°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
030
60
90
120
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
030
60
90
120
150
D.C.
D = 0.1
D = 0.2
D = 0.5
half sin wave
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-l)
TIME : t(ms)
I
FSM-t CHARACTERISTICS
I
FSM
time
TIME : t(s)
Rth-t CHARACTERISTICS
AMBIENT TEMPERATURE : T
a(°C)
DERATING CURVE (I
o-Ta)
LEAD TEMPERATURE : T
l(°C)
DERATING CURVE (I
o-Tl)
T
T
j=150°C
D=t/T
t
V
R
I
o
V
R=VRMAX
0A
0V
T
T
j=150°C
D=t/T
t
V
R
I
o
V
R=VRMAX
0A
0V
3/4
2014.12 - Rev.A


Similar Part No. - RRE02VTM4SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RRE02VTM4SFH ROHM-RRE02VTM4SFH Datasheet
598Kb / 8P
   Rectifier Diode
RRE02VTM4SFH ROHM-RRE02VTM4SFH_15 Datasheet
598Kb / 8P
   Rectifier Diode
More results

Similar Description - RRE02VTM4SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com