Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3865-1
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3865-1_15 Datasheet HTML 1Page - Linear Technology LTC3865-1_15 Datasheet HTML 2Page - Linear Technology LTC3865-1_15 Datasheet HTML 3Page - Linear Technology LTC3865-1_15 Datasheet HTML 4Page - Linear Technology LTC3865-1_15 Datasheet HTML 5Page - Linear Technology LTC3865-1_15 Datasheet HTML 6Page - Linear Technology LTC3865-1_15 Datasheet HTML 7Page - Linear Technology LTC3865-1_15 Datasheet HTML 8Page - Linear Technology LTC3865-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3865/LTC3865-1
4
3865fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN1,2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Input Voltage
4.5
38
V
VOSENSE1,2
Output Voltage Sensing (E-Grade)
(Note 4) ITH1,2 Voltage = 1.2V
VID11 = VID21 = GND, VID12 = VID22 = GND
VID11 = VID21 = GND, VID12 = VID22 = Float
VID11 = VID21 = GND, VID12 = VID22 = INTVCC
VID11 = VID21 = Float, VID12 = VID22 = GND
VID11 = VID21 = Float, VID12 = VID22 = Float
VID11 = VID21 = Float, VID12 = VID22 = INTVCC
VID11 = VID21 = INTVCC, VID12 = VID22 = GND
VID11 = VID21 = INTVCC, VID12 = VID22 = Float
VID11 = VID21 = INTVCC, VID12 = VID22 = INTVCC
l
l
l
l
l
l
l
l
l
1.089
0.990
1.188
1.485
0.596
1.782
2.463
3.251
4.925
1.100
1.000
1.200
1.500
0.602
1.800
2.500
3.300
5.000
1.111
1.010
1.212
1.515
0.608
1.818
2.538
3.350
5.075
V
V
V
V
V
V
V
V
V
Output Voltage Sensing (I-Grade)
(Note 4) ITH1,2 Voltage = 1.2V
VID11 = VID21 = GND, VID12 = VID22 = GND
VID11 = VID21 = GND, VID12 = VID22 = Float
VID11 = VID21 = GND, VID12 = VID22 = INTVCC
VID11 = VID21 = Float, VID12 = VID22 = GND
VID11 = VID21 = Float, VID12 = VID22 = Float
VID11 = VID21 = Float, VID12 = VID22 = INTVCC
VID11 = VID21 = INTVCC, VID12 = VID22 = GND
VID11 = VID21 = INTVCC, VID12 = VID22 = Float
VID11 = VID21 = INTVCC, VID12 = VID22 = INTVCC
l
l
l
l
l
l
l
l
l
1.084
0.985
1.182
1.478
0.593
1.773
2.450
3.234
4.900
1.100
1.000
1.200
1.500
0.602
1.800
2.500
3.300
5.000
1.117
1.015
1.218
1.523
0.611
1.827
2.550
3.366
5.100
V
V
V
V
V
V
V
V
V
IOSENSE1,2
Feedback Current
(Note 4) VID11 = VID21 = VID12 = VID22 = Float
–10
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4.5V to 38V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm1,2
Transconductance Amplifier gm
ITH1,2 = 1.2V; Sink/Source 5μA; (Note 4)
2.2
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VIN = 15V
VRUN1,2 = 0V
3
30
50
mA
μA
UVLO
Undervoltage Lockout on INTVCC
VINTVCC Ramping Down
3.3
V
UVLOHYS
UVLO Hysteresis
0.55
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE1,2 with VID Pins Floating
l
0.64
0.66
0.68
V
ISENSE
Sense Pins Total Current
(Each Channel); VSENSE1,2 = 3.3V
±1
±2
μA
DFMAX
Maximum Duty Cycle
In Dropout
94
95
%
ITK/SS1,2
Soft-Start Charge Current
VTK/SS1,2 = 0V
0.9
1.3
1.7
μA
VRUN1,2
RUN Pin On Threshold
VRUN1, VRUN2 Rising
l
1.1
1.22
1.35
V
VRUN1,2HYS
RUN Pin On Hysteresis
80
mV
IRUN1,2HYS
RUN Pin Current Hysteresis
4.5
μA
VSENSE(MAX) Maximum Current Sense Threshold
(E-Grade)
VITH1,2 = 3.3V, ILIM = 0V
VITH1,2 = 3.3V, ILIM = Float (Note 8)
VITH1,2 = 3.3V, ILIM = INTVCC
In Overvoltage Condition
l
l
l
l
24
44
68
–63
30
50
75
–53
36
56
82
–43
mV
mV
mV
mV
Maximum Current Sense Threshold
(I-Grade)
VITH1,2 = 3.3V, ILIM = 0V
VITH1,2 = 3.3V, ILIM = Float (Note 8)
VITH1,2 = 3.3V, ILIM = INTVCC
In Overvoltage Condition
l
l
l
l
22
42
66
–65
30
50
75
–53
38
58
84
–41
mV
mV
mV
mV
TG RUP
TG Driver Pull-Up On-Resistance
TG High
2.6
Ω
TG RDOWN
TG Driver Pull-Down On-Resistance
TG Low
1.5
Ω
BG RUP
BG Driver Pull-Up On-Resistance
BG High
3
Ω


Similar Part No. - LTC3865-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com