Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3865-1
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3865-1_15 Datasheet HTML 5Page - Linear Technology LTC3865-1_15 Datasheet HTML 6Page - Linear Technology LTC3865-1_15 Datasheet HTML 7Page - Linear Technology LTC3865-1_15 Datasheet HTML 8Page - Linear Technology LTC3865-1_15 Datasheet HTML 9Page - Linear Technology LTC3865-1_15 Datasheet HTML 10Page - Linear Technology LTC3865-1_15 Datasheet HTML 11Page - Linear Technology LTC3865-1_15 Datasheet HTML 12Page - Linear Technology LTC3865-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3865/LTC3865-1
9
3865fb
PIN FUNCTIONS (QFN/TSSOP)
VOSENSE1, VOSENSE2 (Pins 1, 8/Pins 5, 13): When the
internal programmable resistive divider is used, these
pins must be connected to their corresponding outputs.
When an external resistive divider is used, these pins are
used for error amplifier feedback inputs. They receive
the remotely sensed feedback voltages for each channel
directly from the outputs or from the external divider
across the outputs.
TK/SS1, TK/SS2 (Pins 2, 7/Pins 6, 12): Output Voltage
Tracking and Soft-Start Inputs. When one channel is
configured to be master of the two channels, a capacitor
to ground at this pin sets the ramp rate for the master
channel’s output voltage. When a channel is configured
to be the slave of the two channels, the output voltage
ramp of the master channel can be reproduced by a re-
sistor divider and applied to this pin of the slave channel.
Internal soft-start currents of 1.3μA charge the soft-start
capacitors.
ITH1,ITH2(Pins3,6/Pins7,11):CurrentControlThresholds
and Error Amplifier Compensation Points. Each associated
channels’ current comparator tripping threshold increases
with its ITH control voltage.
VID11, VID12, VID21, VID22 (Pins 4, 5, 12, 28/ Pins 9,
10, 18, 37): VID Inputs for Output Voltage Programming.
Tie these pins to INTVCC, GND or leave them floating to
set the output voltages.
ILIM (Pin 13/Pin 19) (LTC3865 Only): Current Compara-
tor Sense Voltage Range Inputs. This pin can be tied to
SGND, FLOAT or INTVCC to set the maximum current
sense threshold for each comparator. Current compara-
tor sense voltage range of the LTC3865-1 is set to default
value of 50mV.
PGOOD (Pin 14 LTC3865/NA): Co-Bonded Power Good
Indicator Output for LTC3865 in QFN Package. Open-drain
logic output that is pulled to ground when either channel
output exceeds ±10% regulation window, after the internal
20μs power bad mask timer expires.
PGOOD1, PGOOD2 (Pins 14, 13 LTC3865-1/Pins 21, 20):
Separate Power Good Indicator Outputs for LTC3865-1 in
QFN package and LTC3865 in FE package. Open-drain logic
output that is pulled to ground when the corresponding
channel output exceeds ±10% regulation window, after
the internal 20μs power bad mask timer expires.
PGND (Pin 18/NA): Power Ground Pin. Connect this pin
closely to the sources of the bottom N-channel MOSFETs,
the (–) terminal of CVCC and the (–) terminal of CIN.
EXTVCC (Pin 20/Pin 28): External Power Input to an Inter-
nal Switch Connected to INTVCC. This switch closes and
supplies the IC power, bypassing the internal low dropout
regulator, whenever EXTVCC is higher than 4.7V. Do not
exceed 6V on this pin.
INTVCC (Pin 21/Pin 29): Internal 5V Regulator Output. The
control circuits are powered from this voltage. Decouple
this pin to PGND with a minimum of 4.7μF low ESR tan-
talum or ceramic capacitor.
VIN (Pin 22/Pin 30): Main Input Supply. Decouple this pin
to PGND with a capacitor (0.1μF to 1μF).
BG1, BG2 (Pins 23, 19/Pin 31, 27): Bottom Gate Driver
Outputs. These pins drive the gates of the bottom N-chan-
nel MOSFETs between PGND and INTVCC.
BOOST1, BOOST2 (Pins 24, 17/Pins 33, 25): Boosted
Floating Driver Supplies. The (+) terminal of the booststrap
capacitors connect to these pins. These pins swing from a
diode voltage drop below INTVCC up to VIN + INTVCC.
TG1, TG2 (Pins 25, 16/Pins 34, 23): Top Gate Driver
Outputs. These are the outputs of floating drivers with
a voltage swing equal to INTVCC superimposed on the
switch nodes voltages.
SW1, SW2 (Pins 26, 15/Pins 35, 22): Switch Node
Connections to Inductors. Voltage swing at these pins
is from a Schottky diode (external) voltage drop below
ground to VIN.


Similar Part No. - LTC3865-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com