Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETUF-2MHSM Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETUF-2MHSM
Description  50 - 1000 MHz E-Series Plug-In Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETUF-2MHSM Datasheet(HTML) 1 Page - Tyco Electronics

  ETUF-2MHSM Datasheet HTML 1Page - Tyco Electronics ETUF-2MHSM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ETUF-2MHSM
50 - 1000 MHz
E-Series Plug-In Mixer
CERTIFIED
ISO 9001
Features
Specifications @ 25°C
Frequency Range
Conversion Loss (dB)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
Peak IF Current
Pin No.
Function
50 - 1000 MHz
* LO Power +13 dBm
100 - 500 MHz
RF
LO
IF
50 - 1000 MHz
DC - 1000 MHz
7
9
50 - 1000 MHz
R-15
LO
4
RF
1
IF
2
Ground
3
Operating Characteristics
Impedanc
+ 9 dBm
Pin Temperature ( 10 Seconds )
260°C
-55°C to 100°C
200 mW
40 mA
Unconnected
DC Polarity
Positive
-
3
Case Ground
Typical
5.5
7.5
Isolation (dB)
Typical
50 - 1000 MHz
50 - 500 MHz
500 - 1000 MHz
47
30
58
40
37
25
47
20
50 - 500 MHz
35
55
Minimum
LO to RF
LO to IF
Operating Temperature
* Up to +9 dBm RF
-55°C to 100°C
Storage Temperature
50 Ohms Nominal
RF input for 1dB Compression
Specifications Subject to Change Without Notice
AMP M/A-COM Eurotec * Loughmahon Technology Park * Blackrock * Cork * Ireland * Tel: 353-21-808300 * Fax: 353-21-359935c
S 1194 B
Additional Specs on Page 2


Similar Part No. - ETUF-2MHSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETU1506-1-M3 VISHAY-ETU1506-1-M3 Datasheet
194Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU1506-1TRL-M3 VISHAY-ETU1506-1TRL-M3 Datasheet
194Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU1506-1TRR-M3 VISHAY-ETU1506-1TRR-M3 Datasheet
194Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU1506-M3 VISHAY-ETU1506-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
ETU1506FP-M3 VISHAY-ETU1506FP-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
More results

Similar Description - ETUF-2MHSM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C1MH MACOM-ESMD-C1MH Datasheet
58Kb / 1P
   E-Series Surface Mount Mixer 1 - 1000 MHz
ELCM-2LH MACOM-ELCM-2LH Datasheet
122Kb / 2P
   E-Series Surface Mount Mixer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
EFM-900 MA-COM-EFM-900 Datasheet
82Kb / 3P
   E-Series Surface Mount Mixer 810 - 1000 MHz
MAMXES0115-V5 MA-COM-MAMXES0115-V5 Datasheet
104Kb / 4P
   E-Series Surface Mount Mixer 1 ??1000 MHz
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
   E-Series Surface Mount Mixer 1 - 1000 MHz
MAMXES0115 MA-COM-MAMXES0115_15 Datasheet
104Kb / 4P
   E-Series Surface Mount Mixer 1 ??1000 MHz
MAMXES0115 MA-COM-MAMXES0115 Datasheet
47Kb / 2P
   E-Series Surface Mount Mixer 5 - 1000 MHz
logo
Tyco Electronics
ELCM-2 MACOM-ELCM-2 Datasheet
202Kb / 2P
   E-Series Surface Mount Mixer 5 - 1000 MHz
MAMXES0065 MACOM-MAMXES0065 Datasheet
142Kb / 2P
   E-Series Surface Mount Mixer 700 . 1000 MHz
ESMD-C1 MACOM-ESMD-C1_1 Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 1 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com