Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4204SR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4204SR
Description  WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4204SR Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4204SR Datasheet HTML 1Page - RF Micro Devices RFFM4204SR Datasheet HTML 2Page - RF Micro Devices RFFM4204SR Datasheet HTML 3Page - RF Micro Devices RFFM4204SR Datasheet HTML 4Page - RF Micro Devices RFFM4204SR Datasheet HTML 5Page - RF Micro Devices RFFM4204SR Datasheet HTML 6Page - RF Micro Devices RFFM4204SR Datasheet HTML 7Page - RF Micro Devices RFFM4204SR Datasheet HTML 8Page - RF Micro Devices RFFM4204SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141017
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM4204
WiFi 802.11b/g/n/ac Front End Module
2.4GHz to 2.5GHz
The RFFM4204 provides a complete solution in a single front end
module (FEM) by integrating the power amplifier (PA), low noise
amplifier (LNA) with bypass, power detector, a Single Pole Double
Throw (SPDT) switch, and some filtering for harmonic rejection. The
integrated matching greatly reduces the number of external components
and layout area in the customer application. This simplifies the total front
end solution by reducing the bill of materials, system footprint, and
manufacturing cost. The RFFM4204 is provided in a 6.0mm X 6.0mm X
0.9mm 24-pin laminate package. The FEM meets or exceeds the RF
front end needs of IEEE 802.11b/g/n/ac WiFi RF systems
.
3
4
5
6
8
9
10
11
20
19
13
12
24
23
22
21
GND
TX
GND
PA_EN
GND
GND
C_TX
GND
2
1
7
17
16
15
14
18
VBIAS
GND
NC
ANT
GND
C_RX
Functional Block Diagram
Ordering Information
RFFM4204SB
Standard 5-piece sample bag
RFFM4204SQ
Standard 25-piece sample bag
RFFM4204SR
Standard 100-piece reel
RFFM4204TR13
Standard 2500-piece reel
RFFM4204PCK-410
Fully assembled evaluation board w/5 pc bag
Package: Laminate, 24-pin,
6.0mm x 6.0mm x 0.9mm
Features
■ Voltage Supply: 5V
■ P
OUT = 24dBm, 256QAM MCS9
HT40 at 1.8% DEVM
■ P
OUT = 25dBm, 64QAM MCS7
HT20 and HT40 at 3% DEVM
■ Input and Output Matched to 50Ω
■ Integrated PA, SPDT, and LNA
with bypass
■ High Impedance Enable Pin
Applications
■ IEEE 802.11b/g/n/ac WiFi Systems
■ Wireless Access Points,
Gateways, Router and Set Top
Box Applications
■ ISM Band Transmitter Applications
RFFM4204


Similar Part No. - RFFM4204SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200PCK-410 RFMD-RFFM4200PCK-410 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SB RFMD-RFFM4200SB Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SQ RFMD-RFFM4200SQ Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SR RFMD-RFFM4200SR Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4204SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com