Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFV15TJ6S Datasheet(PDF) 1 Page - Rohm

Part # RFV15TJ6S
Description  Super Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFV15TJ6S Datasheet(HTML) 1 Page - Rohm

  RFV15TJ6S Datasheet HTML 1Page - Rohm RFV15TJ6S Datasheet HTML 2Page - Rohm RFV15TJ6S Datasheet HTML 3Page - Rohm RFV15TJ6S Datasheet HTML 4Page - Rohm RFV15TJ6S Datasheet HTML 5Page - Rohm RFV15TJ6S Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RFV15TJ6S
lSerise
lDimensions (Unit : mm)
lStructure
Standard Fast Recovery
lApplication
General rectification
For PFC
lFeatures
1)
2) Ultra low switching loss
3) High current overload capacity
lConstruction
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
IFSM
A
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
1.6
2.3
2.8
V
-
1.55
-
V
-
0.03
10
mA
-
10
200
mA
-
20
30
ns
-
30
50
ns
Reverse recovery current
IRp
-
6.5
-
A
Reverse recovery charges
Qrr
-
200
-
nC
Forward recovery time
tfr
-
150
-
ns
Forward recovery voltage
VFp
-
5.5
-
V
Rth(j-a)
-
-
6.5
°C/W
Rth(j-c)
-
-
2.8
°C/W
Average current
Reverse current
IR
Reverse recovery time
A
15
150
150
-55 to +150
Non-repetitive forward surge current
Parameter
Conditions
60Hz half sin wave, one cycle, non-repetitive at Tj=25°C
-
-
Forward voltage
600
Io
600
Duty≦0.5
Direct reverse voltage
60Hz half sin wave , resistive load
Tc=30°C
Unit
(CCM : Continuous Current Mode)
Parameter
Conditions
Symbol
Limits
Hyper fast recovery / Hard recovery type
VF
IF=15A
VR=600V
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
trr
IF=15A, VR=400V, dIF/dt=-200A/ms
Thermal resistance
Junction to ambient
Junction to case
IF=0.5A, IR=1A, Irr=0.25×IR
Tj=125°C
IF=15A, VR=400V
dIF/dt=-200A/ms
IF=15A, dIF/dt=200A/ms,
VFR=1.1xVFmax
2
ROHM : TO-220ACFP
: Serial number
1
: Manufacture year, week,day, package code
10.2±0.2
5.08±0.1
2.54±0.1
0.83±0.1
1.4±0.2
2.6±0.1
0.6±0.1
4.5±0.1
2.6±0.1
f3.1±0.1
RFV15
TJ6S
2
1
Anode
Cathode
1/5
2014.10 - Rev.A


Similar Part No. - RFV15TJ6S

ManufacturerPart #DatasheetDescription
logo
Rohm
RFV15TG6S ROHM-RFV15TG6S Datasheet
561Kb / 6P
   Super Fast Recovery Diode
RFV15TG6S ROHM-RFV15TG6S Datasheet
997Kb / 8P
   Super Fast Recovery Diode
RFV15TG6S ROHM-RFV15TG6S_16 Datasheet
997Kb / 8P
   Super Fast Recovery Diode
More results

Similar Description - RFV15TJ6S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com