Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4200PCK-410 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM4200PCK-410
Description  3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4200PCK-410 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM4200PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM4200PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5 of 15
RFFM4200
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Theory of Operation and Applications
The RFFM4200 is a single-chip integrated front-end module (FEM) for high performance WiFi applications in the 2.4GHz to
2.5GHz ISM band. The FEM greatly reduces the number of external components minimizing footprint and assembly cost of the
overall 802.11b/g/n solution. The RFFM4200 has an integrated b/g/n power amplifier, a power Detector, and TX filtering and
a Switch, which is capable of switching between WiFi RX, WiFi TX operations. The device is manufactured using InGaP HBT and
pHEMT processes on a 6mm x 6mm x 0.95mm laminate package. The module meets or exceeds the RF front-end needs of the
802.11b/g/n WiFi RF systems. The RFFM4200 is a very easy part to implement. To reduce the design and optimization pro-
cess on the customer application, the evaluation board layout should be copied as close as possible, in particular the ground
and via configurations. Gerber files of RFMD PCBA designs can be provided upon request. The supply voltage lines should
present an RF short to the FEM by using bypass capacitors on the VCC traces. To simplify bias conditions, the RFFM4200
requires a single positive supply voltage (VCC), a positive current control bias (VREG) supply, and a positive supply for switch con-
trol. The built-in Power Detector of the RFFM4200 can be used as power monitor in the system. All inputs and outputs are inter-
nally matched to 50Ω.
Transmit Path
The RFFM4200 has a typical gain of 34dB form 2.4GHz to 2.5GHz, and delivers 25.5dBm typical output power in 11n HT20
MCS7 and 26dBm typical in 11g 54Mbps. The RFFM4200 requires a single positive supply voltage of 5.0V to operate at full
specifications. The VREG pin requires a regulated supply at 2.9V to maintain nominal bias current.
Out of Band Rejection
The RFFM4200 contains a low pass filtering (LPF) to attenuate the 2nd Harmonics to -47dBm/MHz (typical), to meet the out of
band rejection requirements of the system for FCC specification.
Receive Path
The RX path has a 50Ω single-ended port. The receive port return loss is 9.6dB minimum. In this mode, the FEM has an Inser-
tion loss of 0.8dB and 30dB (typical) isolation to TX port.
RFFM4200 Biasing Instructions to the Evaluation Board
802.11b/g/n Transmit:
1. Connect the FEM to a signal generator at the input and a spectrum analyzer at the output. Set the Pin at signal generator is
at -20dBm.
2. Bias VCC to 5.0V first with VREG=0.0V. If available, enable the current limiting function of the power supply to 750mA.
3. Refer to switch operational truth table to set the control lines at the proper levels for WiFi TX.• Turn on VREG to 2.9V (typ). On
VREG (of evaluation board), a regulated supply is recommended. Be extremely careful not to exceed 3.0V on the VREG pin or
the part may exceed device current limits.
4. Turn on Pdown to 2.9V (typ). PDOWN pin can be tied to VREG supply. NOTE: It is important to adjust the VCC voltage source so
that +5V is measured at the board; and the +2.9V of VREG is measured at the board. The high collector currents will drop
the collector voltage significantly if long leads are used. Adjust the bias voltage to compensate.
5. Turn on RF of signal generator and gradually increase power level to the rated power. CAUTION: If the input signal exceeds
the rated power, the RFFM4200 evaluation board can be permanently damaged.
6. To turn off FEM, turn off RF power of signal generator; then PDOWN, VREG, and VCC.
802.11b/g/n Receive:
• To receive WiFi set the switch control lines per the truth table.


Similar Part No. - RFFM4200PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201PCK-410 RFMD-RFFM4201PCK-410 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SB RFMD-RFFM4201SB Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SQ RFMD-RFFM4201SQ Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SR RFMD-RFFM4201SR Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4200PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com