Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM3482QSR Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM3482QSR
Description  2.4GHz to 2.5GHz, Automotive WiFi Front End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM3482QSR Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFM3482QSR Datasheet HTML 2Page - RF Micro Devices RFFM3482QSR Datasheet HTML 3Page - RF Micro Devices RFFM3482QSR Datasheet HTML 4Page - RF Micro Devices RFFM3482QSR Datasheet HTML 5Page - RF Micro Devices RFFM3482QSR Datasheet HTML 6Page - RF Micro Devices RFFM3482QSR Datasheet HTML 7Page - RF Micro Devices RFFM3482QSR Datasheet HTML 8Page - RF Micro Devices RFFM3482QSR Datasheet HTML 9Page - RF Micro Devices RFFM3482QSR Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 of 13
RFFM3482Q
DS121108
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
QFN, 16-pin, 3mm x 3mm x 0.45mm
Notes:
1. Dimension applies to metallized terminal and is measured 0.25mm and 0.30mm from terminal tip.
2. Dimension represents terminal pull back from pacikage edge up to 0.1mm is acceptable.
3. Coplanarity applies to the exposed heat slug as well as hte terminal.
.


Similar Part No. - RFFM3482QSR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM3482QSR QORVO-RFFM3482QSR Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results

Similar Description - RFFM3482QSR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com