Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMST6427 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST6427
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST6427 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST6427_15 Datasheet HTML 1Page - Diodes Incorporated MMST6427_15 Datasheet HTML 2Page - Diodes Incorporated MMST6427_15 Datasheet HTML 3Page - Diodes Incorporated MMST6427_15 Datasheet HTML 4Page - Diodes Incorporated MMST6427_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMST6427
Document number: DS30166 Rev. 11 - 2
1 of 5
www.diodes.com
August 2011
© Diodes Incorporated
MMST6427
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Features
40V Darlington Transistor
Epitaxial Planar Die Construction
Ideal for Low Power Amplification and Switching
High Current Gain
Ultra-Small Surface Mount Package
Lead Free, RoHS Compliant (Note 1)
Halogen and Antimony Free "Green" Device (Note 2)
Mechanical Data
Case: SOT-323
Case Material: Molded Plastic, "Green" Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Weight: 0.006 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMST6427-7-F
K1D
7
8
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
Code
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K1D= Product Type Marking Code
YM = Date Code Marking
Y = Year ex: X = 2010
M = Month ex: 9 = September
K1D
Top View
Device symbol
Pin-out Top view


Similar Part No. - MMST6427_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
More results

Similar Description - MMST6427_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
   NPN Surface Mount Darlington Transistor
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
   NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
   NPN Surface Mount Darlington Transistor
logo
Diodes Incorporated
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28 Datasheet
220Kb / 4P
   NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com