Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3851-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3851-1
Description  Synchronous Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3851-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3851-1_15 Datasheet HTML 6Page - Linear Technology LTC3851-1_15 Datasheet HTML 7Page - Linear Technology LTC3851-1_15 Datasheet HTML 8Page - Linear Technology LTC3851-1_15 Datasheet HTML 9Page - Linear Technology LTC3851-1_15 Datasheet HTML 10Page - Linear Technology LTC3851-1_15 Datasheet HTML 11Page - Linear Technology LTC3851-1_15 Datasheet HTML 12Page - Linear Technology LTC3851-1_15 Datasheet HTML 13Page - Linear Technology LTC3851-1_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3851-1
10
38511fa
OPERATION
Main Control Loop
The LTC3851-1 is a constant frequency, current mode
step-down controller. During normal operation, the top
MOSFET is turned on when the clock sets the RS latch,
and is turned off when the main current comparator, ICMP,
resets the RS latch. The peak inductor current at which
ICMP resets the RS latch is controlled by the voltage on
the ITH pin, which is the output of the error amplifier EA.
The VFB pin receives the voltage feedback signal, which is
compared to the internal reference voltage by the EA. When
the load current increases, it causes a slight decrease in
VFB relative to the 0.8V reference, which in turn causes the
ITH voltage to increase until the average inductor current
matches the new load current. After the top MOSFET has
turned off, the bottom MOSFET is turned on until either
the inductor current starts to reverse, as indicated by the
reverse current comparator, IREV, or the beginning of the
next cycle.
INTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin. An
internal 5V low dropout linear regulator supplies INTVCC
power from VIN.
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
off cycle through an external diode when the top MOSFET
turns off. If the input voltage, VIN, decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about 1/10 of the clock period every tenth cycle to allow
CB to recharge. However, it is recommended that there is
always a load present during the drop-out transition to
ensure CB is recharged.
Shutdown and Start-Up (RUN and TK/SS)
The LTC3851-1 can be shut down using the RUN pin. Pulling
this pin below 1.1V disables the controller and most of the
internal circuitry, including the INTVCC regulator. Releasing
the RUN pin allows an internal 2μA current to pull up the
pin and enable that controller. Alternatively, the RUN pin
may be externally pulled up or driven directly by logic.
Be careful not to exceed the absolute maximum rating of
6V on this pin.
The start-up of the controller’s output voltage, VOUT, is
controlled by the voltage on the TK/SS pin. When the
voltage on the TK/SS pin is less than the 0.8V internal
reference, the LTC3851-1 regulates the VFB voltage to
the TK/SS pin voltage instead of the 0.8V reference. This
allows the TK/SS pin to be used to program a soft-start
by connecting an external capacitor from the TK/SS pin to
GND. An internal 1μA pull-up current charges this capacitor
creating a voltage ramp on the TK/SS pin. As the TK/SS
voltage rises linearly from 0V to 0.8V (and beyond), the
output voltage VOUT rises smoothly from zero to its final
value. Alternatively, the TK/SS pin can be used to cause
the start-up of VOUT to “track” another supply. Typically,
this requires connecting to the TK/SS pin an external
resistor divider from the other supply to ground (see the
Applications Information section). When the RUN pin
is pulled low to disable the controller, or when INTVCC
drops below its undervoltage lockout threshold of 3.2V,
the TK/SS pin is pulled low by an internal MOSFET. When
in undervoltage lockout, the controller is disabled and the
external MOSFETs are held off.
Light Load Current Operation (Burst Mode Operation,
Pulse skipping or Continuous Conduction)
The LTC3851-1 can be enabled to enter high efficiency
Burst Mode operation, constant frequency pulse skipping
mode or forced continuous conduction mode. To select
forced continuous operation, tie the MODE/PLLIN pin to
INTVCC. To select pulse skipping mode of operation, float
the MODE/PLLIN pin or tie it to GND. To select Burst Mode
operation, tie MODE/PLLIN to INTVCC through a resistor
no less than 50k, but no greater than 250k.
When the controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-forth of the maximum sense voltage even though
the voltage on the ITH pin indicates a lower value. If the
average inductor current is higher than the load current,
the error amplifier, EA, will decrease the voltage on the ITH
pin. When the ITH voltage drops below 0.4V, the internal
sleep signal goes high (enabling “sleep” mode) and both
external MOSFETs are turned off.


Similar Part No. - LTC3851-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results

Similar Description - LTC3851-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com