Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM3482ETR13X Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM3482ETR13X
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM3482ETR13X Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM3482ETR13X Datasheet HTML 6Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 7Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 8Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 9Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 10Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 11Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 12Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 13Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RFFM3482E
Prelim DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Theory of Operation
The RFFM3482E FEM is a single-chip integrated front end module (FEM) for high performance WiFi applications in the 2.4GHz
to 2.5GHz ISM band. The FEM addresses the need for aggressive size reduction for a typical 802.11b/g/n RF front end design,
and greatly reduces the number of components outside of the core chipset. Therefore, the footprint and assembly cost of the
overall 802.11b/g/n solution is minimized. The FEM has integrated b/g/n power amplifier, power detector, Rx balun, and Tx fil-
tering. Also, it is capable of switching between WiFi Rx, WiFi Tx, and BTH Rx/Tx operations. It has low insertion loss at the
2.4GHz to 2.5GHz WiFi and BTH paths. The device is manufactured in a GaAs pHEMT processes, and provided in a
3mmx3mmx0.45mm, 16-pin package. This module meets or exceeds the RF front end needs of 802.11b/g/n WiFi RF sys-
tems.
For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground
layout and ground vias. Other configurations may also work, but the design process is much easier and quicker if the layout is
copied from the RFFM3482E evaluation board. There is an indicator pin labeled P1 ID that should be left as a no-connect on
the PCB. This pin is directly connected to the ground pad of the IC. For the best performance, it is recommended that voltage
and RF lines do not cross under this pin. Gerber files of RFMD PCBA designs can be provided on request. The supply voltage
lines should present an RF short to the FEM by using bypass capacitors on the VB traces. The RFFM3482E is a very easy part
to implement, but care in circuit layout and component selection is always advisable when designing circuits to operate at
2.5GHz. Please contact RFMD Sales or Application Engineering for additional data and guidance.
The RFFM3482E is designed primarily for IEEE802.11 b/g/n WiFi applications where the available supply voltage and current
are limited. The RFFM3482E requires a single positive supply voltage (VB), PA enable (PA_EN) supply, efficiency control (PABC),
and a positive supply for switch control to simplify bias requirements. The RFFM3482E FEM also has built in power detection.
All inputs and outputs are internally matched to 50
 except the WiFi receive path it is deferential with nominal impedance of
100
 on each pin.
802.11b/g/n Transmit Path
The RFFM3482E has a typical gain of 33dB from 2.4GHz to 2.5GHz, and delivers 16.5dBm typical output power under
54Mbps OFDM modulation, and 21dBm under 1Mbps 11b modulation. The RFFM3482E requires a single positive supply of
3.0V to 4.8V to operate at full specifications. PA control for the 802.11b/g/n band is provided through one bias control input
pin (PA_EN). The PA_EN pin requires a regulated supply to maintain nominal bias current. In general, the PABC pin controls
acts as an efficiency and linearity control pin. The current or voltage applied at this pin may produce higher linear output
power, higher operating current, and higher gain.
Out of Band Rejection
The RFFM3482E contains basic filtering components to produce bandpass responses for the WiFi transmit path. Due to space
constraints inside the module, filtering is limited to a few resonant poles on the RF path.
802.11b/g/n Receive Path
The 802.11b/g/n path has a100
 differential impedance with a nominal insertion loss of 2.1dB. The Rx port return loss is
-9dB maximum. Depending on the application, if filtering is required beyond what the RFFM3482E can achieve then additional
external filters will need to be added outside of the RFFM3482E.


Similar Part No. - RFFM3482ETR13X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QPCK-41X RFMD-RFFM3482QPCK-41X Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482QPCK-41X QORVO-RFFM3482QPCK-41X Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QSQ RFMD-RFFM3482QSQ Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results

Similar Description - RFFM3482ETR13X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com