Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMD-C3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESMD-C3
Description  E-Series Surface Mount Mixer 20 - 2500 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C3 Datasheet(HTML) 1 Page - Tyco Electronics

  ESMD-C3 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series Surface Mount Mixer
20 - 2500 MHz
ESMD-C3
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
LO Power: +7 dBm
Up to +1 dBm RF
Surface Mount
Specifications @ 25°C
Frequency Range
RF
20 - 2500 MHz
LO
20 - 2500 MHz
IF
20 - 600 MHz
Conversion Loss (dB)
Typical
Maximum
40 - 1250 MHz
8.0
9.0
20 - 2500 MHz
9.0
10.5
Isolation (dB)
Typical
Minimum
LO to RF
20 - 200 MHz
45
30
200 - 1250 MHz
30
23
1250 - 2500 MHz
30
15
LO to IF
20 - 200 MHz
40
20
200 - 1250 MHz
25
15
1250 - 2500 MHz
25
12
Operating Characteristics
Impedance
50 Ohms Nominal
RF input for 1dB Compression
+ 1 dBm
Ordering Information
Part No.
Packaging
ESMD-C3
Tube
ESMD-C3TR
Tape & Reel
SM-2
q
q
q
S 0164 C
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Pin Configuration
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to 100°C
Operating Temperature
-55°C to 100°C
Pin Temperature (10 Seconds)
260°C
Function
Pin No.
LO
2
RF
1
IF
3
Ground
4,5
Absolute Maximum Ratings


Similar Part No. - ESMD-C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C1 MACOM-ESMD-C1 Datasheet
32Kb / 1P
   E-Series Surface Mount Mixer 1-1000MHz
ESMD-C15 MACOM-ESMD-C15 Datasheet
63Kb / 1P
   E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
63Kb / 1P
   E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15 MACOM-ESMD-C15_1 Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 10 - 2000 MHz
More results

Similar Description - ESMD-C3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ESMD-C50M MACOM-ESMD-C50M Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50M MACOM-ESMD-C50M_1 Datasheet
161Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
MAMXES0117 MACOM-MAMXES0117 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
MAMX-007238-CM25MH MACOM-MAMX-007238-CM25MH Datasheet
48Kb / 2P
   E-Series Surface Mount Mixer 5 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50L MA-COM-ESMD-C50L Datasheet
190Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
EMRS-25MH MA-COM-EMRS-25MH Datasheet
193Kb / 2P
   E-Series Surface Mount Mixer 3 - 2500 MHz
ESMD-C50H MA-COM-ESMD-C50H Datasheet
181Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH Datasheet
75Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com