Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC170A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1.5SMC170A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5SMC170A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1.5SMC170A Datasheet HTML 1Page - Central Semiconductor Corp 1.5SMC170A Datasheet HTML 2Page - Central Semiconductor Corp 1.5SMC170A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5SMC6.8A
THRU
1.5SMC220A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
1500 WATT, 6.8 THRU 220 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5SMC6.8A series
devices are surface mount uni-directional glass
passivated junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For bi-directional devices, please refer to the
1.5SMC6.8CA series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
1500
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
REVERSE
SURGE
CURRENT
(Note 1)
IRSM
MAXIMUM
REVERSE
VOLTAGE
VRSM @ IRSM
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
V
μA
AV
% / °C
1.5SMC6.8A
6.45
6.8
7.14
10
5.8
1000
143
10.5
0.057
C6V8A
1.5SMC7.5A
7.13
7.5
7.88
10
6.4
500
132
11.3
0.061
C7V5A
1.5SMC8.2A
7.79
8.2
8.61
10
7.02
200
124
12.1
0.065
C8V2A
1.5SMC9.1A
8.65
9.1
9.55
1.0
7.78
50
112
13.4
0.068
C9V1A
1.5SMC10A
9.5
10
10.5
1.0
8.55
10
103
14.5
0.073
C10A
1.5SMC11A
10.5
11
11.6
1.0
9.4
5
96
15.6
0.075
C11A
1.5SMC12A
11.4
12
12.6
1.0
10.2
5
90
16.7
0.078
C12A
1.5SMC13A
12.4
13
13.7
1.0
11.1
5
82
18.2
0.081
C13A
1.5SMC15A
14.3
15
15.8
1.0
12.8
5
71
21.2
0.084
C15A
1.5SMC16A
15.2
16
16.8
1.0
13.6
5
67
22.5
0.086
C16A
1.5SMC18A
17.1
18
18.9
1.0
15.3
5
59.5
25.2
0.088
C18A
1.5SMC20A
19.0
20
21.0
1.0
17.1
5
54
27.7
0.090
C20A
1.5SMC22A
20.9
22
23.1
1.0
18.8
5
49
30.6
0.092
C22A
1.5SMC24A
22.8
24
25.2
1.0
20.5
5
45
33.2
0.094
C24A
1.5SMC27A
25.7
27
28.4
1.0
23.1
5
40
37.5
0.096
C27A
1.5SMC30A
28.5
30
31.5
1.0
25.6
5
36
41.4
0.097
C30A
1.5SMC33A
31.4
33
34.7
1.0
28.2
5
33
45.7
0.098
C33A
1.5SMC36A
34.2
36
37.8
1.0
30.8
5
30
49.9
0.099
C36A
1.5SMC39A
37.1
39
41
1.0
33.3
5
28
53.9
0.100
C39A
Notes: (1) Non-repetitive 10x1,000μs pulse.
SMC CASE
R7 (11-September 2013)
www.centr a lsemi.com


Similar Part No. - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
1.5SMC170A HDSEMI-1.5SMC170A Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
logo
Central Semiconductor C...
1.5SMC170A CENTRAL-1.5SMC170A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
MDE Semiconductor, Inc.
1.5SMC170A MDE-1.5SMC170A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
1.5SMC170A UNSEMI-1.5SMC170A Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Vishay Siliconix
1.5SMC170A VISHAY-1.5SMC170A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
1.5KE6.8 MIC-1.5KE6.8 Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com