Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA4005PCK-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA4005PCK-410
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005PCK-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA4005PCK-410 Datasheet HTML 5Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 6Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 7Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 8Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 9Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 10Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 11Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 12Page - RF Micro Devices RFDA4005PCK-410 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 15
RFDA4005
Evaluation Board Bill of Materials (BOM) 50MHz to 4000MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RDA1005L with USB Evaluation Board
PCB Itself
Dynamic Details (DDI) Toronto
RDA1005L410(C)
50MHz to 4000MHz, G=18dB, P1=19dBm,
6-BIT, DVGA
U1
RFMD
RFDA4005SB
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C9-C10
Murata Electronics
GRM155R71H102KA01E
CAP, 1µF, 10%, 16V, X7R, 0805
C4, C14
Murata Electronics
GRM21BR71C104KA01K
CAP, 1000pF, 10%, 50V, X7R, 0603
C5, C13
Murata Electronics
GRM188R71H102KA01D
CAP, 100pF, 5%, 50V, C0G, 0402
C1, C3, C6-C8, C12
Murata Electronics
GRM1555C1H101JD01D
IND, 68nH, 5%, W/W, 1008
L1
Coilcraft
1008CS-680XJLC
RES, 1K, 1%, 1/16W, 0402
R1
Panasonic Industrial
ERJ-2RKF1001
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 x
0402
RP2
KOA
CN1E4KTTD102J
CONN, SMA, END LNCH, FLT, 0.062”
J1-J4
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 14-
PIN, 0.100”
P1
ITW Pancon
MPSS100-14-C
CONN, HDR, ST, PLRZD, 2-
PIN, 0.100”
P2
ITW Pancon
MPSS100-2-C
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
P3
Aries Electronics Inc.
24-6518-10
MOD, USB TO SERIAL UART, SSOP-28
M1
Future Technology Devices Int’l
UM232R


Similar Part No. - RFDA4005PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFDA4005PCK-410 QORVO-RFDA4005PCK-410 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results

Similar Description - RFDA4005PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
logo
RF Micro Devices
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
   Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com