Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB43A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1SMB43A
Description  SILICON TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB43A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1SMB43A Datasheet HTML 1Page - Central Semiconductor Corp 1SMB43A Datasheet HTML 2Page - Central Semiconductor Corp 1SMB43A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
1SMB5.0A
THRU
1SMB170A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1SMB5.0A
Series types are Surface Mount Uni-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Bi-directional devices, please refer to the
1SMB5.0CA Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
• This series is UL listed, UL file number E130224
SMB CASE
Notes: (1) Non-repetitive 10x1,000µs pulse.
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
1SMB5.0A
5.0
6.40
7.25
10
800
9.2
65.2
CKE
1SMB6.0A
6.0
6.67
7.67
10
800
10.3
58.3
CKG
1SMB6.5A
6.5
7.22
8.30
10
500
11.2
53.6
CKK
1SMB7.0A
7.0
7.78
8.95
10
200
12
50
CKM
1SMB7.5A
7.5
8.33
9.58
1.0
100
12.9
46.5
CKP
1SMB8.0A
8.0
8.89
10.23
1.0
50
13.6
44.1
CKR
1SMB8.5A
8.5
9.44
10.82
1.0
10
14.4
41.7
CKT
1SMB9.0A
9.0
10
11.5
1.0
5.0
15.4
39
CKV
1SMB10A
10
11.1
12.8
1.0
5.0
17
35.3
CKX
1SMB11A
11
12.2
14
1.0
5.0
18.2
33
CKZ
1SMB12A
12
13.3
15.3
1.0
5.0
19.9
30.2
CLE
1SMB13A
13
14.4
16.5
1.0
5.0
21.5
27.9
CLG
1SMB14A
14
15.6
17.9
1.0
5.0
23.2
25.8
CLK
1SMB15A
15
16.7
19.2
1.0
5.0
24.4
24
CLM
1SMB16A
16
17.8
20.5
1.0
5.0
26
23.1
CLP
1SMB17A
17
18.9
21.7
1.0
5.0
27.6
21.7
CLR
1SMB18A
18
20
23.3
1.0
5.0
29.2
20.5
CLT
1SMB20A
20
22.2
25.5
1.0
5.0
32.4
18.5
CLV
1SMB22A
22
24.4
28
1.0
5.0
35.5
16.9
CLX
1SMB24A
24
26.7
30.7
1.0
5.0
38.9
15.4
CLZ
1SMB26A
26
28.9
33.2
1.0
5.0
42.1
14.2
CME
1SMB28A
28
31.1
35.8
1.0
5.0
45.4
13.2
CMG
1SMB30A
30
33.3
38.3
1.0
5.0
48.4
12.4
CMK
R4 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - 1SMB43A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB43A CENTRAL-1SMB43A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMB43A MOTOROLA-1SMB43A Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
logo
Central Semiconductor C...
1SMB43A CENTRAL-1SMB43A Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
logo
SUNMATE electronic Co.,...
1SMB43A SUNMATE-1SMB43A Datasheet
818Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
1SMB43A SUNMATE-1SMB43A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - 1SMB43A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB6.8A CENTRAL-P6SMB6.8A Datasheet
840Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
P6SMB6.8CA CENTRAL-P6SMB6.8CA Datasheet
839Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
1SMB5.0CA CENTRAL-1SMB5.0CA Datasheet
787Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
875Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
982Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
503Kb / 2P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS6V2 CENTRAL-CTLTVS6V2 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
896Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
872Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
424Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com