Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMC7.5A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1SMC7.5A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMC7.5A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1SMC7.5A Datasheet HTML 1Page - Central Semiconductor Corp 1SMC7.5A Datasheet HTML 2Page - Central Semiconductor Corp 1SMC7.5A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SMC5.0A
THRU
1SMC170A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
1500 WATT, 5.0 THRU 170 VOLT
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
1SMC33A
33
36.7
42.2
1.0
5.0
53.3
28.1
CGFM
1SMC36A
36
40
46
1.0
5.0
58.1
25.8
CGFP
1SMC40A
40
44.4
51.1
1.0
5.0
64.5
23.2
CGFR
1SMC43A
43
47.8
54.9
1.0
5.0
69.4
21.6
CGFT
1SMC45A
45
50
57.5
1.0
5.0
72.7
20.6
CGFV
1SMC48A
48
53.3
61.3
1.0
5.0
77.4
19.4
CGFX
1SMC51A
51
56.7
65.2
1.0
5.0
82.4
18.2
CGFZ
1SMC54A
54
60
69
1.0
5.0
87.1
17.2
CGGE
1SMC58A
58
64.4
74.1
1.0
5.0
93.6
16
CGGG
1SMC60A
60
66.7
76.7
1.0
5.0
96.8
15.5
CGGK
1SMC64A
64
71.1
81.8
1.0
5.0
103
14.6
CGGM
1SMC70A
70
77.8
89.5
1.0
5.0
113
13.3
CGGP
1SMC75A
75
83.3
95.8
1.0
5.0
121
12.4
CGGR
1SMC78A
78
86.7
99.7
1.0
5.0
126
11.4
CGGT
1SMC85A
85
94.4
108.2
1.0
5.0
137
10.4
CGGV
1SMC90A
90
100
115.5
1.0
5.0
146
10.3
CGGX
1SMC100A
100
111
128
1.0
5.0
162
9.3
CGGZ
1SMC110A
110
122
140.5
1.0
5.0
177
8.4
CGHE
1SMC120A
120
133
153
1.0
5.0
193
7.9
CGHG
1SMC130A
130
144
165.5
1.0
5.0
209
7.2
CGHK
1SMC150A
150
167
192.5
1.0
5.0
243
6.2
CGHM
1SMC160A
160
178
205
1.0
5.0
259
5.8
CGHP
1SMC170A
170
189
217.5
1.0
5.0
275
5.5
CGHR
MIN
MAX
MIN
MAX
A
0.030
0.060
0.76
1.52
B
0.002
0.008
0.05
0.20
C
0.305
0.320
7.75
8.13
D
0.006
0.012
0.15
0.31
E
0.079
0.103
2.00
2.62
F
0.260
0.280
6.60
7.11
G
0.108
0.128
2.75
3.25
H
0.220
0.245
5.59
6.22
SMC (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
SMC CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R6 (11-September 2013)


Similar Part No. - 1SMC7.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC7.5A CENTRAL-1SMC7.5A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMC7.5A MOTOROLA-1SMC7.5A Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
1SMC7.5A EIC-1SMC7.5A Datasheet
91Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1SMC7.5A CENTRAL-1SMC7.5A Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
logo
Bruckewell Technology L...
1SMC7.5A BWTECH-1SMC7.5A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
More results

Similar Description - 1SMC7.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
1.5KE6.8 MIC-1.5KE6.8 Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com