Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZV33B Datasheet(PDF) 2 Page - Rohm

Part # KDZV33B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZV33B Datasheet(HTML) 2 Page - Rohm

  KDZV33B Datasheet HTML 1Page - Rohm KDZV33B Datasheet HTML 2Page - Rohm KDZV33B Datasheet HTML 3Page - Rohm KDZV33B Datasheet HTML 4Page - Rohm KDZV33B Datasheet HTML 5Page - Rohm KDZV33B Datasheet HTML 6Page - Rohm KDZV33B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZV series
lElectrical characteristics (T
a= 25°C)
MIN.
TYP.
MAX.
IZ(mA)
MAX.
VR(V)
KDZV 3.6B
3.600
3.813
4.000
40.0
60.0
1.0
KDZV 3.9B
3.900
4.136
4.400
40.0
40.0
1.0
KDZV 4.3B
4.300
4.572
4.800
40.0
20.0
1.0
KDZV 4.7B
4.700
4.924
5.200
40.0
20.0
1.0
KDZV 5.1B
5.100
5.368
5.700
40.0
20.0
1.0
KDZV 5.6B
5.600
5.856
6.300
40.0
20.0
1.5
KDZV 6.2B
6.200
6.509
7.000
40.0
20.0
3.0
KDZV 6.8B
6.800
7.280
7.700
40.0
20.0
3.5
KDZV 7.5B
7.500
7.889
8.400
40.0
20.0
4.0
KDZV 8.2B
8.200
8.655
9.300
40.0
20.0
5.0
KDZV 9.1B
9.100
9.747
10.200
40.0
20.0
6.0
KDZV 10B
10.000
10.310
11.200
40.0
10.0
7.0
KDZV 11B
11.000
11.510
12.300
20.0
10.0
8.0
KDZV 12B
12.000
12.500
13.500
20.0
10.0
9.0
KDZV 13B
13.300
13.820
15.000
20.0
10.0
10.0
KDZV 15B
14.700
15.350
16.500
20.0
10.0
11.0
KDZV 16B
16.200
16.860
18.300
20.0
10.0
12.0
KDZV 18B
18.000
19.000
20.300
20.0
10.0
13.0
KDZV 20B
20.000
20.820
22.400
20.0
10.0
15.0
KDZV 22B
22.000
23.850
24.500
10.0
10.0
17.0
KDZV 24B
24.000
25.310
27.600
10.0
10.0
19.0
KDZV 27B
27.000
28.700
30.800
10.0
10.0
21.0
KDZV 30B
30.000
31.570
34.000
10.0
10.0
23.0
KDZV 33B
33.000
34.950
37.000
10.0
10.0
25.0
KDZV 36B
36.000
39.240
40.000
10.0
10.0
27.0
*The Zener voltage (Vz) is measured 40ms after power is supplied.
lMARKING (TYPE NO.)
TYP.
Reverse current
: IR(mA)
Zener voltage : VZ(V)
Symbol
TYPE
TYPE NO.
TYPE
TYPE NO.
KDZV 3.6B
GB
KDZV 12B
VB
KDZV 3.9B
HB
KDZV 13B
WB
KDZV 4.3B
JB
KDZV 15B
XB
KDZV 4.7B
KB
KDZV 16B
YB
KDZV 5.1B
LB
KDZV 18B
ZB
KDZV 5.6B
MB
KDZV 20B
AD
KDZV 6.2B
NB
KDZV 22B
BD
KDZV 6.8B
PB
KDZV 24B
CD
KDZV 7.5B
QB
KDZV 27B
DD
KDZV 8.2B
RB
KDZV 30B
ED
KDZV 9.1B
SB
KDZV 33B
FD
KDZV 10B
TB
KDZV 36B
GD
KDZV 11B
UB
 
2/6
2014.10 - Rev.I


Similar Part No. - KDZV33B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZV33B ROHM-KDZV33B Datasheet
2Mb / 10P
   Zener Diode
KDZV33B ROHM-KDZV33B Datasheet
2Mb / 10P
   Zener Diode
KDZV33B ROHM-KDZV33B Datasheet
2Mb / 10P
   Zener Diode
KDZV33B ROHM-KDZV33B Datasheet
2Mb / 10P
   Zener Diode
KDZV33B ROHM-KDZV33B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - KDZV33B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com