Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA2026PCK-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA2026PCK-410
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026PCK-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA2026PCK-410 Datasheet HTML 5Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 6Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 7Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 8Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 9Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 10Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 11Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 12Page - RF Micro Devices RFDA2026PCK-410 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Truth Table
Serial Port Interface
SPI Timing Diagram
Programming Example, 6-Bit
Control Bit
Gain Relative to Maximum Gain
D5
D4
D3
D2
D1
D0
111111
0dB
111110
-0.5dB
111101
-1dB
111011
-2dB
110111
-4dB
101111
-8dB
011111
-16dB
000000
-31.5dB
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
t10
MS B
LS B
D 4
D3
D2
D 0
D1
D5
CLK
DATA
LE


Similar Part No. - RFDA2026PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025PCK-410 RFMD-RFDA2025PCK-410 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SQ RFMD-RFDA2025SQ Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SR RFMD-RFDA2025SR Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025TR13 RFMD-RFDA2025TR13 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2026PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com