Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA2026 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA2026 Datasheet HTML 1Page - RF Micro Devices RFDA2026 Datasheet HTML 2Page - RF Micro Devices RFDA2026 Datasheet HTML 3Page - RF Micro Devices RFDA2026 Datasheet HTML 4Page - RF Micro Devices RFDA2026 Datasheet HTML 5Page - RF Micro Devices RFDA2026 Datasheet HTML 6Page - RF Micro Devices RFDA2026 Datasheet HTML 7Page - RF Micro Devices RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
VDC
DC Supply Current
300
mA
Power Dissipation(PDISS)
1500
mW
Maximum RF Input Power
12
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature (TJ)
175
°C
ESD Rating - Human Body Model (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL 3
MTTF>1E6 hours at 175°C junction temperature.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp=25°C, VCC=VDD =5V, Standard Applica-
tion Circuit
Frequency Range
1400
2700
MHz
Max Gain
32
dB
Attenuation = 0dB at 2.0GHz
29.3
dB
Attenuation = 0dB at 2.6GHz
Gain Control Range
31.5
dB
Step Accuracy
±(0.15 +5% attenuation setting)
dB
Major state error up to 2700MHz
P1dB
25
dBm
Attenuation = 0dB
Output IP3
41.5
44.5
dBm
POUT=+5dBm/tone, 1 MHz spacing
Control Interface
6
bit
SPI interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
4.1
dB
Attenuation = 0dB
Impedance
50
Harmonics (1.5GHz to 2.4GHz)
Using RFDA2026-410 EVB
2nd Harmonic
34
dBc
POUT = 20dBm; 1.5GHz
39
dBc
POUT = 20dBm; 2GHz
44
dBc
POUT = 20dBm; 2.4GHz
3rd Harmonics
62
dBc
POUT = 20dBm; 1.5GHz
72
dBc
POUT = 20dBm; 2GHz
73
dBc
POUT = 20dBm; 2.4GHz
Harmonics (2.4GHz to 2.7GHz)
Using RFDA2026-411 EVB
2nd Harmonics
43
dBc
POUT = 20dBm; 2.4GHz
48
dBc
POUT = 20dBm; 2.7GHz
3rd Harmonics
70
dBc
POUT = 20dBm; 2.4GHz
62
dBc
POUT = 20dBm; 2.7GHz
Input Return Loss
-15
dB
Output Return Loss
-11
dB
Total Supply Current
4.75
5.0
5.25
V
Supply Current
192
mA
From VCC_SPI, VCC_AMP1 and VCC_AMP2
Thermal Resistance
46.2
°C/W
Junction to backside of device
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - RFDA2026

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025PCK-410 RFMD-RFDA2025PCK-410 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SQ RFMD-RFDA2025SQ Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SR RFMD-RFDA2025SR Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025TR13 RFMD-RFDA2025TR13 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2026

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com