Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA0056SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0056SR
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0056SR Datasheet HTML 1Page - RF Micro Devices RFDA0056SR Datasheet HTML 2Page - RF Micro Devices RFDA0056SR Datasheet HTML 3Page - RF Micro Devices RFDA0056SR Datasheet HTML 4Page - RF Micro Devices RFDA0056SR Datasheet HTML 5Page - RF Micro Devices RFDA0056SR Datasheet HTML 6Page - RF Micro Devices RFDA0056SR Datasheet HTML 7Page - RF Micro Devices RFDA0056SR Datasheet HTML 8Page - RF Micro Devices RFDA0056SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
V
DC Supply Current
330
mA
Power Dissipation
1600
mW
Max RF Input Power for 50
Output Load
12
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
+172
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp = 25°C, VCC= VDD = 5V, standard appli-
cation circuit
Frequency Range
300
1100
MHz
Max Gain
36
dB
Attenuation = 0dB, at 450MHz
Gain Control Range
31.5
dB
Step Accuracy
±(0.15 +5% attenuation setting)
dB
Major state error up to 1100MHz
P1dB
25
dBm
Attenuation = 0dB, at 450MHz
Output IP3
44
dBm
POUT = 5dBm/Tone, 1MHz spacing at 450MHz
Control Interface
6
bit
SPI Interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
4.2
dB
Attenuation = 0dB
Impedance
50
Input Return Loss
18
dB
At 450MHz
Output Return Loss
14.9
dB
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
207
215
245
mA
From VCC (SPI), VCC (AMP1), and VCC (AMP2)
Thermal Resistance
73
°C/W
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
350MHz 450MHz 550MHz 700MHz 850MHz 900MHz 950MHz 1050MHz
Max Small
Signal Gain
dB
37.1
36.8
36.3
35.2
34.1
33.7
33.3
32.6
Output P1dB
dBm
25.1
25
24.3
24.5
24.3
24.4
24.5
24.4
Output IP3*
dBm
44.2
44.1
41.4
41.3
41.6
41.6
41.9
42
Input Return
Loss
dB
22.3
18
16
14.9
16
17.1
17.9
18.3
Output Return
Loss
dB
9.8
14.4
27
17.8
14.2
14.3
15
17.2
*Note: OIP3 is tested at POUT = 5dBm/Tone and 1MHz spacing
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFDA0056SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057PCK-410 RFMD-RFDA0057PCK-410 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057SQ RFMD-RFDA0057SQ Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057SR RFMD-RFDA0057SR Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057TR13 RFMD-RFDA0057TR13 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results

Similar Description - RFDA0056SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
logo
Analog Devices
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com