Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESJ-4-2-75 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ESJ-4-2-75
Description  E-Series 4-Way 0 Power Divider 5 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESJ-4-2-75 Datasheet(HTML) 2 Page - Tyco Electronics

  ESJ-4-2-75 Datasheet HTML 1Page - Tyco Electronics ESJ-4-2-75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series 4 Way 0° Power Divider — 5 - 1000 MHz
ESJ-4-2-75
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 1218 B
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
5.0
205.0
405.0
605.0
805.0
Frequency (MHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Power Rating
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temperature (10 Sec)
260°C
Storage Temperature
-55°C to +100°C
Operating Temperature
-20°C to +85°C
Functional Configuration
Function
Pin No.
Not Connected
External 75 Ohms
Ground
1,5,7
Case Ground
Input
3
Port 1
2
Port 2
4
Port 3
6
Port 4
8
Typical Performance @ +25°C
Amplitude Unbalance
Isolation
Insertion Loss
Phase Unbalance
5
200
400
600
800
1000
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
205.0
405.0
605.0
805.0
Frequency (MHz)
-1.0
-0.5
0.0
0.5
1.0
5.0
205.0
405.0
605.0
805.0
Frequency (MHz)
5
200
400
600
800
1000
5
200
400
600
800
1000
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
5.0
205.0
405.0
605.0
805.0
Frequency (MHz)
5
200
400
600
800
1000


Similar Part No. - ESJ-4-2-75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
   E-Series 4-Way 0� Power Divider 5 -1000 MHz
More results

Similar Description - ESJ-4-2-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESJ-4-1-75 MACOM-ESJ-4-1-75 Datasheet
39Kb / 1P
   E-Series 4-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
   E-Series 4-Way 0� Power Divider 5 -1000 MHz
logo
Tyco Electronics
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ES-4-7 MACOM-ES-4-7 Datasheet
39Kb / 1P
   E-Series 4-Way 0 Power Divider 5 - 750 MHz
ESSM-2-7-75 MACOM-ESSM-2-7-75 Datasheet
45Kb / 1P
   E-Series 2-Way 0 Power Divider 40 - 1000 MHz
ESML-2-4 MACOM-ESML-2-4 Datasheet
32Kb / 1P
   E-Series 2-Way 0 Power Divider 10 - 1000 MHz
ESJ-4-3-75 MACOM-ESJ-4-3-75 Datasheet
201Kb / 4P
   E-Series 4-Way 0 Differential Power Divider 5 - 872 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com