Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA0026TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0026TR7
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0026TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0026TR7 Datasheet HTML 1Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 2Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 3Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 4Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 5Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 6Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 7Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 8Page - RF Micro Devices RFDA0026TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
SPI_CLK
SPI_DATA
SPI_LE
DSA
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
GND
GND
GND
GND
GND
GND
RF_OUT
GND
GND
RF_IN
PUP
RFDA0026
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFMD's RFDA0026 is a digital controlled variable gain amplifier featuring
high linearity over the entire gain control range with noise figure less than
4.1dB in its maximum gain state. The gain of the 6-bit digital step attenua-
tor is programmed with a serial mode control interface (SPI). The
RFDA0026 is packaged in a small 6.0mmx6.0mm leadless laminate
MCM, which contains plated through thermal vias for ultra low thermal
resistance. This module is easy to use with no external matching compo-
nents required.
Features
Frequency Range 700MHz to
1035MHz
Full Internal Matching and No
External Bias Inductors
6-Bit Digital Step Attenuator
SPI Serial Control Programming
Max Gain=32dB at 900MHz
Gain Control Range=31.5dB
(0.5dB Step Size)
High OIP3/P1dB=+40/23dBm
Single +5V Supply
Small 28-Pin, 6.0mmx6.0mm,
MCM
Power-up Programming
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS120803
Package Style: MCM 28-Pin, 6.0mmx6.0mm
RFDA0026Dig-
ital Controlled
Variable Gain
Amplifier
RFDA0026SQ
Sample bag with 25 pieces
RFDA0026SR
7" Sample reel with 100 pieces
RFDA0026TR7
7” Reel with 750 pieces
RFDA0026TR13
13” Reel with 2500 pieces
RFDA0026PCK-410
800MHz to 1035MHz PCBA with 5-piece sample bag
RFDA0026PCK-411
650MHz to 850MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA0026TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025PCK-410 RFMD-RFDA0025PCK-410 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025R13 RFMD-RFDA0025R13 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025R7 RFMD-RFDA0025R7 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025SQ RFMD-RFDA0025SQ Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0026TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
logo
Analog Devices
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com