Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA0025SQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0025SQ
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0025SQ Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0025SQ Datasheet HTML 1Page - RF Micro Devices RFDA0025SQ Datasheet HTML 2Page - RF Micro Devices RFDA0025SQ Datasheet HTML 3Page - RF Micro Devices RFDA0025SQ Datasheet HTML 4Page - RF Micro Devices RFDA0025SQ Datasheet HTML 5Page - RF Micro Devices RFDA0025SQ Datasheet HTML 6Page - RF Micro Devices RFDA0025SQ Datasheet HTML 7Page - RF Micro Devices RFDA0025SQ Datasheet HTML 8Page - RF Micro Devices RFDA0025SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFDA0025
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
5
10
15
20
25
30
Error
(dB)
Attenuation (dB)
Successive Step Error, 25C
150MHz
500MHz
850MHz
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3 over Temperature, Max Gain
+25C
-40C
+85C
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3, Major States, 25C, POUT/tone=0dBm
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
17
18
19
20
21
22
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
P1dB
(dBm)
Frequency (GHz)
P1dB over Temperature, Max Gain
+25C
-40C
+85C
30
32
34
36
38
40
42
44
46
-5
-2
1
4
7
10
OIP3
(dBm)
POUT per Tone (dBm)
OIP3 versus POUT, Max Gain, 150 MHz
25C
-40C
85C


Similar Part No. - RFDA0025SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026PCK-410 RFMD-RFDA0026PCK-410 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026PCK-411 RFMD-RFDA0026PCK-411 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026SQ RFMD-RFDA0026SQ Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026SR RFMD-RFDA0026SR Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
More results

Similar Description - RFDA0025SQ

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com