Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCM3080TR13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFCM3080TR13
Description  40-1003MHZ GAAS/GAN PUSH PULL MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3080TR13 Datasheet(HTML) 5 Page - RF Micro Devices

  RFCM3080TR13 Datasheet HTML 1Page - RF Micro Devices RFCM3080TR13 Datasheet HTML 2Page - RF Micro Devices RFCM3080TR13 Datasheet HTML 3Page - RF Micro Devices RFCM3080TR13 Datasheet HTML 4Page - RF Micro Devices RFCM3080TR13 Datasheet HTML 5Page - RF Micro Devices RFCM3080TR13 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RFCM3080
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130711
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
5 of 6
Component Chart
Component Type
Value
Qty
Designator
Comment
Capacitor
4.7nF
4
C1, C2, C7, C8
Capacitor
DNI
5
C9, C10, C12, C13, C14
optional to improve matching in application
Capacitor
0.5pF
3
C3, C6, C11
Resistor
10kΩ
1
R1
Resistor
10Ω
1
R4
Resistor
DNI
6
R7, R8, R9, R10, R11, R12
optional to improve matching in application
Resistor
see page 3
1
R5
optional to set current-value
Impedance Bead
60Ω @ 100MHz
1
FB1
Transient Voltage
Suppressor Diode
TGL34-33A
1
D1
Zener Diode
MM3Z5V6T1G
1
D2
ESD Protection Diode
TQP200002
1
D3
Transformer
RFXF0006
1
T1
Transformer
RFXF0008
1
T2
Transformer
RFXF0007
1
T3
DUT
RFCM3080
1
U1
Package Drawing
Dimensions in millimeters


Similar Part No. - RFCM3080TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCBA-410 RFMD-RFCM3050PCBA-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCK-410 RFMD-RFCM3050PCK-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SB RFMD-RFCM3050SB Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SQ RFMD-RFCM3050SQ Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM3080TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
logo
Qorvo, Inc
QPA3320 QORVO-QPA3320 Datasheet
267Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA9831 QORVO-QPA9831 Datasheet
218Kb / 4P
   GaAs/GaN Push Pull Hybrid 45MHTz teo m12p18laMtHez
March 2021
logo
RF Micro Devices
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
   28dB Push Pull Hybrid 40MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com