Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCM3080SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFCM3080SR
Description  40-1003MHZ GAAS/GAN PUSH PULL MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3080SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFCM3080SR Datasheet HTML 1Page - RF Micro Devices RFCM3080SR Datasheet HTML 2Page - RF Micro Devices RFCM3080SR Datasheet HTML 3Page - RF Micro Devices RFCM3080SR Datasheet HTML 4Page - RF Micro Devices RFCM3080SR Datasheet HTML 5Page - RF Micro Devices RFCM3080SR Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RFCM3080
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130711
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
3 of 6
Current Adjustment Using Resistor R5
The RFCM3080 can be operated over a wide range of current to provide maximum required performance with minimum current consumption.
Changing the value of resistor R5 on application circuit allows a variation of the current between 200mA and 255mA (typ.). Within the range of
current between 200mA and 255mA gain (S21) change is less than 0.4dB and noise figure change is less than 0.1dB.
Test condition:
V+= 24V; TMB=30°C; ZS=ZL=75Ω;
VO=46dBmV flat, 79 analog channels plus 75 digital channels (-6dB offset)
190
200
210
220
230
240
250
260
270
10
100
1000
10000
100000
Resistor R5 [Ω]
Current vs. Resistor R5
190
200
210
220
230
240
250
260
0
1
2
3
4
5
6
7
CTB and CIN degradation [dB]
Distortion Degradation
over Device Current, typical values
CTB
CIN
Device Current [mA],
typical
R5 [
Ω]
255
open
250
9100
245
4300
240
2700
235
1800
230
1200
225
820
220
560
215
390
210
240
205
130
200
39
V+= 24V; TMB=30°C;
ZS=ZL=75Ω


Similar Part No. - RFCM3080SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCBA-410 RFMD-RFCM3050PCBA-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCK-410 RFMD-RFCM3050PCK-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SB RFMD-RFCM3050SB Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SQ RFMD-RFCM3050SQ Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM3080SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
logo
Qorvo, Inc
QPA3320 QORVO-QPA3320 Datasheet
267Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA9831 QORVO-QPA9831 Datasheet
218Kb / 4P
   GaAs/GaN Push Pull Hybrid 45MHTz teo m12p18laMtHez
March 2021
logo
RF Micro Devices
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
   28dB Push Pull Hybrid 40MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com