Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCM3080SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFCM3080SQ
Description  40-1003MHZ GAAS/GAN PUSH PULL MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3080SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFCM3080SQ Datasheet HTML 1Page - RF Micro Devices RFCM3080SQ Datasheet HTML 2Page - RF Micro Devices RFCM3080SQ Datasheet HTML 3Page - RF Micro Devices RFCM3080SQ Datasheet HTML 4Page - RF Micro Devices RFCM3080SQ Datasheet HTML 5Page - RF Micro Devices RFCM3080SQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RFCM3080
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130711
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
2 of 6
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
70
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +46dBmV flat output level, plus 75 digital channels, -6dB offset
relative to the equivalent analog carrier.Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is
defined by the NCTA.Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA.Cross Modulation (XMOD) - Cross
modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the car-rier being
tested.Carrier to Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
V+= 24V; TMB=30°C; ZS=ZL=75Ω
Power Gain
27.0
dB
f=50MHz
27.5
28.5
29.0
dB
f=1003MHz
Slope[1]
0.5
1.0
2.0
dB
f=40MHz to 1003MHz
Flatness of Frequency Response
0.8
dB
f=40MHz to 1003MHz
Input Return Loss
-20
dB
f=40MHz to 320MHz
-18
dB
f=320MHz to 640MHz
-17
dB
f=640MHz to 870MHz
-16
dB
f=870MHz to 1003MHz
Output Return Loss
-20
dB
f=40MHz to 320MHz
-19
dB
f=320MHz to 640MHz
-18
dB
f=640MHz to 870MHz
-17
dB
f=870MHz to 1003MHz
Noise Figure
4.5
5.0
dB
f=50MHz to 1003MHz
Total Current Consumption (DC)
250.0
270.0
mA
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL=75Ω
CTB
-70
-65
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
XMOD
-63
-58
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
CSO
-75
-66
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
CIN
65
69
dB
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]


Similar Part No. - RFCM3080SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCBA-410 RFMD-RFCM3050PCBA-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCK-410 RFMD-RFCM3050PCK-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SB RFMD-RFCM3050SB Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SQ RFMD-RFCM3050SQ Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM3080SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
logo
Qorvo, Inc
QPA3320 QORVO-QPA3320 Datasheet
267Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
   CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA9831 QORVO-QPA9831 Datasheet
218Kb / 4P
   GaAs/GaN Push Pull Hybrid 45MHTz teo m12p18laMtHez
March 2021
logo
RF Micro Devices
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
   28dB Push Pull Hybrid 40MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com