Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFAM3790SB Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFAM3790SB
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790SB Datasheet(HTML) 5 Page - RF Micro Devices

  RFAM3790SB Datasheet HTML 1Page - RF Micro Devices RFAM3790SB Datasheet HTML 2Page - RF Micro Devices RFAM3790SB Datasheet HTML 3Page - RF Micro Devices RFAM3790SB Datasheet HTML 4Page - RF Micro Devices RFAM3790SB Datasheet HTML 5Page - RF Micro Devices RFAM3790SB Datasheet HTML 6Page - RF Micro Devices RFAM3790SB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 7
RFAM3790
Evaluation Board Schematic
C4
4.7nF
C2
4.7nF
C1
DNI
D2
MM3Z5V6T1
R1
2.7k
Ω
D3
TGL34-33A
C3
4.7nF
C5
4.7nF
C7
DNI
D1
TQP200002
25V
FB1
Bead 60
Ω
T1
RFXF0006
T2
RFXF0008
V+
RF INPUT
RF OUTPUT
1
2
3
4
5
6
7
8
9
C6
4.7nF
Power
Enable
Att.
Adjust
GND
U1
RFAM3790
C9
4.7nF
C8
4.7nF
D4
TQP200002
25V
T3
RFXF0009
Evaluation Board Bill of Materials (BOM)
Designator
Value
Description
Manufacturer
Part Number
C1
DNI
optional to improve matching in application
C2, C3, C4, C5,
C6, C8, C9
4.7nF
Capacitor, X7R, 50V, 10%
C7
DNI
optional to improve matching in application
R1
2.7
Resistor, TK200, 5%
FB1
60
Ω @ 100MHz
Impedance Bead, DCR 0.1Ohm, 800mA
Taiyo Yuden
BK 1608HS600-T
D1, D4
25V
ESD Protection
Triquint
TQP200002
D2
5.6V
Zener Diode, 200mW
On Semiconductor
MM3Z5V6T1G
D3
33V
Transient Suppressor Diode, 5%
Diotec
TGL34-33A
T1
1:1
Transformer
RFMD
RFXF0006
T2
2.8:1
Transformer
RFMD
RFXF0008
T3
1:1
Transformer
RFMD
RFXF0009
U1
Amplifier
RFMD
RFAM3790


Similar Part No. - RFAM3790SB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620 QORVO-RFAM3620 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620PCBA-410 QORVO-RFAM3620PCBA-410 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620SB TRIQUINT-RFAM3620SB Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
More results

Similar Description - RFAM3790SB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
   45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3316 RFMD-RFCM3316 Datasheet
271Kb / 8P
   45-1218MHZ GAAS/G POWER DOUBLER MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
Qorvo, Inc
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com