Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF7411 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF7411
Description  3V WCDMA BAND 1 LINEAR PA MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7411 Datasheet(HTML) 3 Page - RF Micro Devices

  RF7411 Datasheet HTML 1Page - RF Micro Devices RF7411 Datasheet HTML 2Page - RF Micro Devices RF7411 Datasheet HTML 3Page - RF Micro Devices RF7411 Datasheet HTML 4Page - RF Micro Devices RF7411 Datasheet HTML 5Page - RF Micro Devices RF7411 Datasheet HTML 6Page - RF Micro Devices RF7411 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
RF7411
DS111206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Specifications
T = +25
C, VCC = VBAT = +3.2V, VEN = +1.8V, 50
system, WCDMA Rel 99 Modulation unless other-
wise specified.
Gain
28
dB
HPM, POUT = 28.0dBm
15.5
dB
LPM, POUT16.0dBm
ACLR - 5MHz Offset
-40
-36
dBc
HPM, POUT = 28.0dBm
-44
-38
dBc
LPM, POUT = 16.0dBm
ACLR - 10MHz Offset
-52
-48
dBc
HPM, POUT = 28.0dBm
-60
-48
dBc
LPM, POUT = 16.0dBm
PAE
39
42.5
%
HPM, POUT = 28.0dBm
10
%
LPM, POUT = 16.0dBm
Current Drain
435
mA
HPM, POUT = 28.0dBm
116
mA
LPM, POUT = 16.0dBm
Quiescent Current
50
mA
HPM, DC only
Enable Current
0.03
mA
Source or sink current. VEN = 1.8V.
Mode Current (IMODE)
0.01
mA
Source or sink current. VMODE = 1.8V.
Leakage Current
2.1
10.0
A
DC only. VCC = VBAT = 4.2V, VEN = VMODE = 0.5V.
Noise Power in Receive Band
-137
dBm/Hz
All power modes, measured at duplex offset fre-
quency (FTX + 190MHz). Rx: 2110MHz to
2170MHz, POUT28.0dBm
Input Impedance
1.8:1
VSWR
No ext. matching, POUT28dBm, all modes.
Harmonic, 2FO
-20
-7
dBm
POUT28.0dBm, all power modes.
Harmonic, 3FO
-23
-14
dBm
POUT28.0dBm, all power modes.
Spurious Output Level
-60
dBc
All spurious, POUT28dBm, all conditions, load
VSWR
6:1, all phase angles.
Insertion Phase Shift
-30
9.8
+30
°
Phase shift at 16dBm when switching from HPM
to LPM.
DC Enable Time
10
S
DC only. Time from VEN = high to stable idle cur-
rent (90% of steady state value).
RF Rise/Fall Time
6
SPOUT28.0dBm, all modes. 90% of target, DC set-
tled prior to RF.
Ruggedness
10:1
VSWR
HPM, POUT = 28.0dBm, all phases.
Coupling Factor
-20
dB
POUT28.0dBm, all modes.
Daisy Chain Insertion Loss
0.25
dB
CPL_IN to CPL_OUT port, VEN = 0.5V
Coupling Directivity
20
dB


Similar Part No. - RF7411

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
More results

Similar Description - RF7411

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
logo
RF Micro Devices
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
   3V WCDMA BAND 3 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
   3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
logo
TriQuint Semiconductor
TQM666017 TRIQUINT-TQM666017 Datasheet
296Kb / 1P
   3V PCS Band WCDMA PA-Duplexer-Module
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
ANADIGICS, Inc
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
logo
RF Micro Devices
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
Qorvo, Inc
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
RF Micro Devices
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
   3V W-CDMA BAND 5 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com