Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6555SQ Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF6555SQ
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555SQ Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF6555SQ Datasheet HTML 2Page - RF Micro Devices RF6555SQ Datasheet HTML 3Page - RF Micro Devices RF6555SQ Datasheet HTML 4Page - RF Micro Devices RF6555SQ Datasheet HTML 5Page - RF Micro Devices RF6555SQ Datasheet HTML 6Page - RF Micro Devices RF6555SQ Datasheet HTML 7Page - RF Micro Devices RF6555SQ Datasheet HTML 8Page - RF Micro Devices RF6555SQ Datasheet HTML 9Page - RF Micro Devices RF6555SQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
10 of 10
RF6555
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground.
2
CE
Control voltage pin for chip enable. See logic table.
3
GND
Ground.
4
CT
Center tap for passing DC voltage to RFN/RFP pins that connect to the TXVR SoIC.
5
RFN
Differential bi-dir
ectional RF port. Matched to 50Ω single-ended, 100Ω differential.
6
RFP
Differential bi-directional RF port. M
atched to 50Ω single-ended, 100Ω differential.
7
GND
Ground.
8
VCC_DIG
Voltage supply pin for digital logic circuitry.
9
GND
Ground.
10
VCC_PA
Voltage supply pin for Tx power amplifier.
11
N/C
Not connected.
12
GND
Ground.
13
GND
Ground.
14
GND
Ground.
15
ANT1
Antenna port 1. Match to 50Ω and DC blocked internally.
16
GND
GND Ground.
17
ANT2
Antenna port 2. Matched to 50Ω and DC blocked internally.
18
GND
Ground.
19
GND
Ground.
20
ANTSEL
Control pin for antenna selection. See logic table.
21
N/C
Not connected.
22
VCC_LNA
Voltage supply pin for Rx low noise amplifier.
23
C_LNA
Control voltage for pin for LNA/bypass modes. See logic table.
24
C_RX_TX
Control voltage pin for Tx/Rx modes. See logic table.


Similar Part No. - RF6555SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6555SQ QORVO-RF6555SQ Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results

Similar Description - RF6555SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com