Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3769 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3769
Description  60V Low IQ Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3769 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3769_15 Datasheet HTML 5Page - Linear Technology LTC3769_15 Datasheet HTML 6Page - Linear Technology LTC3769_15 Datasheet HTML 7Page - Linear Technology LTC3769_15 Datasheet HTML 8Page - Linear Technology LTC3769_15 Datasheet HTML 9Page - Linear Technology LTC3769_15 Datasheet HTML 10Page - Linear Technology LTC3769_15 Datasheet HTML 11Page - Linear Technology LTC3769_15 Datasheet HTML 12Page - Linear Technology LTC3769_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3769
9
3769f
For more information www.linear.com/LTC3769
pin FuncTions (QFN/TSSOP)
input determines how the LTC3769 operates at light loads.
Pulling this pin to ground selects Burst Mode operation.
An internal 100k resistor to ground also invokes Burst
Mode operation when the pin is floated. Tying this pin
to INTVCC forces continuous inductor current operation.
Tying this pin to a voltage greater than 1.2V and less than
INTVCC – 1.3V selects pulse-skipping operation. This can
be done by adding a 100k resistor between the PLLIN/
MODE pin and INTVCC.
RUN (Pin 11/Pin 6): Run Control Input. Forcing this pin
below 1.28V shuts down the controller. Forcing this pin
below 0.7V shuts down the entire LTC3769, reducing
quiescent current to approximately 4µA. An external
resistor divider connected to VIN can set the threshold
for converter operation. Once running, a 4.5µA current is
sourced from the RUN pin allowing the user to program
hysteresis using the resistor values.
SS (Pin 12/Pin 7): Output Soft-Start Input. A capacitor to
ground at this pin sets the ramp rate of the output voltage
during start-up.
SENSE+(Pin13/Pin9):PositiveCurrentSenseComparator
Input. The (+) input to the current comparator is normally
connected to the positive terminal of a current sense resis-
tor. The current sense resistor is normally placed at the
input of the boost controller in series with the inductor.
This pin also supplies power to the current comparator.
The common mode voltage range on SENSE+ and SENSE
pins is 2.3V to 60V (65V abs max).
SENSE(Pin14/Pin8):NegativeCurrentSenseComparator
Input. The (–) input to the current comparator is normally
connected to the negative terminal of a current sense
resistor connected in series with the inductor.
VFB (Pin 15/Pin 10): Error Amplifier Feedback Input. This
pin receives the remotely sensed feedback voltage from
an external resistive divider connected across the output.
ITH (Pin 16/Pin 11): Current Control Threshold and Error
AmplifierCompensationPoint.Thevoltageonthispinsets
the current trip threshold.
OVMODE (Pin 17/Pin 12): Overvoltage Mode Selection
Input. This pin is used to select how the LTC3769 operates
when the output feedback voltage (VFB) is overvoltage
(>110% of its normal regulated point of 1.2V). It is also
used to determine the light-load mode of operation when
the LTC3769 is synchronized to an external clock through
the PLLIN/MODE pin.
When OVMODE is tied to ground, overvoltage protection
is enabled and the top MOSFET gate (TG) is turned on
continuously until the overvoltage condition is cleared.
When OVMODE is grounded, the LTC3769 operates in
forced continuous mode when synchronized. There is an
internal weak pull-down resistor that pulls the OVMODE
pin to ground when it is left floating.
When OVMODE is tied to INTVCC, overvoltage protection
is disabled and TG is not forced on during an overvolt-
age event. Instead, the state of TG is determined by the
mode of operation selected by the PLLIN/MODE pin and
the inductor current. See the Operation section for more
details. When OVMODE is tied to INTVCC, the LTC3769
operates in pulse-skipping mode when synchronized.
SW (Pin 18/Pin 13): Switch Node. Connect to the source
of the synchronous N-channel MOSFET, the drain of the
main N-channel MOSFET and the inductor.
TG (Pin 19/Pin 14): Top Gate. Connect to the gate of the
synchronous N-channel MOSFET.
BOOST (Pin 20/Pin 15): Floating power supply for the
synchronous N-channel MOSFET. Bypass to SW with a
capacitor and supply with a Schottky diode connected
to INTVCC.
BG (Pin 21/Pin 16): Bottom Gate. Connect to the gate of
the main N-channel MOSFET.
EXTVCC(Pin23/Pin18):ExternalPowerInputtoaninternal
LDOConnectedtoINTVCC.ThisLDOsuppliesINTVCCpower,
bypassing the internal LDO powered from VBIASwhenever
EXTVCC is higher than 4.7V. See EXTVCC Connection in the
Applications Information section. Do not float or exceed
14V on this pin. Connect to ground if not used.


Similar Part No. - LTC3769_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3769 LINER-LTC3769 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3769 LINER-LTC3769 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3769 LINER-LTC3769 Datasheet
984Kb / 28P
   Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
logo
Analog Devices
LTC3769 AD-LTC3769 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
LTC3769 AD-LTC3769 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
More results

Similar Description - LTC3769_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
logo
Linear Technology
LTC3784 LINER-LTC3784_15 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com