Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6525PCK-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF6525PCK-410
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525PCK-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF6525PCK-410 Datasheet HTML 3Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 4Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 5Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 6Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 7Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 8Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 9Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 10Page - RF Micro Devices RF6525PCK-410 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF6525 2.4 GHz Front End Module
Input Power versus Output Power
Gain versus Output Power
-35
-30
-25
-20
-15
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Input Power versus Output Power
Vcc = 3.3V; TX_EN = 3.0V
2400 MHz
2441.5 MHz
2483 MHz
-35
-30
-25
-20
-15
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Input Power
versus Output Power
(Over Temperature @ 2441.5 MHz)
Vcc = 3.3V; TX_EN = 3.0V
-40 C
25 C
85 C
10
12
14
16
18
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Gain versus Output Power
Vcc = 3.3V; TX_EN =3.0V
2400 MHz
2441.5 MHz
2483 MHz
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
(Over Temperature @ 2441.5 MHz)
Vcc = 3.3V; TX_EN = 3.0V
-40 C
25 C
85 C
Gain versus Output Power


Similar Part No. - RF6525PCK-410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6525PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
   3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com