Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6525TR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6525TR13
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525TR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6525TR13 Datasheet HTML 1Page - RF Micro Devices RF6525TR13 Datasheet HTML 2Page - RF Micro Devices RF6525TR13 Datasheet HTML 3Page - RF Micro Devices RF6525TR13 Datasheet HTML 4Page - RF Micro Devices RF6525TR13 Datasheet HTML 5Page - RF Micro Devices RF6525TR13 Datasheet HTML 6Page - RF Micro Devices RF6525TR13 Datasheet HTML 7Page - RF Micro Devices RF6525TR13 Datasheet HTML 8Page - RF Micro Devices RF6525TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
1000
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Input Power to PA and
LNA (No Damage in High Gain
Mode)
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Specifications must be met across supply voltage,
control voltage, and temperature ranges unless oth-
erwise noted. Typical conditions: T=25°C,
VCC=3.6V, TX_EN=High
Operating Frequency Range
2400
2483
MHz
Operating Voltage (VCC)
3.0
3.6
4.2
V
Leakage Current
0.5
uA
VCC=3.6V, RF=OFF, TX_EN=Low, RX_EN=Low.
LNA_EN, ANT_SEL, and LNA Mode=Low.
Transmit Parameters
Frequency
2400
2483
MHz
Input Return Loss
-13
-9.6
dB
Over all conditions for both Antenna 1 and Antenna
2
Amplitude Imbalance
-1
1
dB
Phase Imbalance
-15
15
deg
Output Return Loss
-14
-9.6
dB
Over all conditions for both Antenna 1 and Antenna
2
Gain
25
28
dB
At rated power and nominal conditions
Gain Variation
-1.5
+1.5
dB
Over temperature
Gain Flatness
-1
+1
dB
Over frequencies and voltage
Rated Output Power
20
22
dBm
19
dBm
VCC=2.6V, VCC_Bias=3.0V
Supply Current
200
230
mA
PO=22dBm 802.15.4 OQPSK. Typical Conditions.
Supply Current
175
205
mA
PO=20dBm 802.15.4 OQPSK.
Thermal Resistance
53
°C/W
VCC = 3.6V, POUT = 22dBm, TREF = 85°C
2nd Harmonic Level
-45
-42
dBm/MHz
Measured using standard 802.15.4 OQPSK modula-
tion signal at POUT=20dBm over temperature, fre-
quency, and voltage
3rd Harmonic Level
-45
-42
dBm/MHz
Measured using standard 802.15.4 OQPSK modula-
tion signal at POUT=20dBm over temperature, fre-
quency, and voltage
VSWR Stability and Load
Mismatch Susceptibility
4:1
No spurs above -45dBm
VSWR No Damage
8:1
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RF6525TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6525TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
   3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com