Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2865 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2865
Description  60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2865 Datasheet(HTML) 5 Page - Linear Technology

  LTC2865_15 Datasheet HTML 1Page - Linear Technology LTC2865_15 Datasheet HTML 2Page - Linear Technology LTC2865_15 Datasheet HTML 3Page - Linear Technology LTC2865_15 Datasheet HTML 4Page - Linear Technology LTC2865_15 Datasheet HTML 5Page - Linear Technology LTC2865_15 Datasheet HTML 6Page - Linear Technology LTC2865_15 Datasheet HTML 7Page - Linear Technology LTC2865_15 Datasheet HTML 8Page - Linear Technology LTC2865_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC2862/LTC2863/
LTC2864/LTC2865
5
2862345fc
For more information www.linear.com/LTC2862
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICCTRS
Supply Current with Both Driver and
Receiver Enabled (LTC2862-2, LTC2863-2,
LTC2864-2, LTC2865 with SLO Low)
No Load, DE = VCC = VL, RE = 0V
l
3.3
8
mA
Driver
|VOD|
Differential Driver Output Voltage
R = ∞ (Figure 1)
l
1.5
VCC
V
R = 27Ω (Figure 1)
l
1.5
5
V
R = 50Ω (Figure 1)
l
2
VCC
V
Δ|VOD|
Change in Magnitude of Driver Differential
Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0.2
V
VOC
Driver Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
3
V
Δ|VOC|
Change in Magnitude of Driver
Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0.2
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (Y or Z) ≤ 60V (Figure 2)
l
±150
±250
mA
IOZD
Driver Three-State (High Impedance)
Output Current on Y and Z
DE = 0V, VCC = 0V or 3.3V, VO = –25V,
25V
l
±30
µA
Receiver
IIN
Receiver Input Current (A,B)
(C-, I-Grade LTC2863, LTC2864, LTC2865)
VCC = 0V or 3.3V, VIN = 12V (Figure 3)
l
125
µA
µA
VCC = 0V or 3.3V, VIN = –7V (Figure 3)
l
–100
Receiver Input Current (A,B)
(H-, MP-Grade LTC2863, LTC2864,
LTC2865; C-, I-, H-, MP-Grade LTC2862)
VCC = 0V or 3.3V, VIN = 12V (Figure 3)
l
143
µA
µA
VCC = 0V or 3.3V, VIN = –7V (Figure 3)
l
–100
RIN
Receiver Input Resistance
0 ≤ VCC ≤ 5.5V, VIN = –25V or 25V
(Figure 3)
112
VCM
Receiver Common Mode Input Voltage
(A + B)/2
l
–25
25
V
VTH
Differential Input Signal Threshold
Voltage (A – B)
–25V ≤ VCM ≤ 25V
l
±200
mV
ΔVTH
Differential Input Signal Hysteresis
VCM = 0V
150
mV
Differential Input Failsafe Threshold Voltage –25V ≤ VCM ≤ 25V
l
–200
–50
0
mV
Differential Input Failsafe Hysteresis
VCM = 0V
25
mV
VOH
Receiver Output High Voltage
I(RO) = –3mA (Sourcing)
VL ≥ 2.25V, I(RO) = –3mA (LTC2865)
VL < 2.25V, I(RO) = –2mA (LTC2865)
l
l
l
VCC –0.4V
VL –0.4V
VL –0.4V
V
VOL
Receiver Output Low Voltage
I(RO) = 3mA (Sinking)
l
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, RO = 0V or VCC
RO = 0V or VL (LTC2865)
l
±5
µA
IOSR
Receiver Short-Circuit Current
RE = Low, RO = 0V or VCC
RO = 0V or VL (LTC2865)
l
±20
mA
Logic
(LTC2862, LTC2863, LTC2864)
VTH
Input Threshold Voltage (DE, DI, RE)
3.0 ≤ VCC ≤ 5.5V
l
0.33 • VCC
0.67 • VCC
V
IINL
Logic Input Current (DE, DI, RE)
0 ≤ VIN ≤ VCC
l
0
±5
µA
Logic
(LTC2865)
VTH
Input Threshold Voltage (DE, DI, RE, SLO)
1.65V ≤ VL ≤ 5.5V
l
0.33 • VL
0.67 • VL
V
IINL
Logic Input Current (DE, DI, RE, SLO)
0 ≤ VIN ≤ VL
l
0
±5
µA
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V unless otherwise noted. (Note 2)


Similar Part No. - LTC2865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2865 LINER-LTC2865 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2865 LINER-LTC2865 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC2865 LINER-LTC2865 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2865 LINER-LTC2865 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2865 AD-LTC2865 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com