Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2864 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2864
Description  60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2864 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2864_15 Datasheet HTML 2Page - Linear Technology LTC2864_15 Datasheet HTML 3Page - Linear Technology LTC2864_15 Datasheet HTML 4Page - Linear Technology LTC2864_15 Datasheet HTML 5Page - Linear Technology LTC2864_15 Datasheet HTML 6Page - Linear Technology LTC2864_15 Datasheet HTML 7Page - Linear Technology LTC2864_15 Datasheet HTML 8Page - Linear Technology LTC2864_15 Datasheet HTML 9Page - Linear Technology LTC2864_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC2862/LTC2863/
LTC2864/LTC2865
6
2862345fc
For more information www.linear.com/LTC2862
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver – High Speed (LTC2862-1, LTC2863-1, LTC2864-1, LTC2865 with SLO High)
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
25
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
2
9
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±10
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
15
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0V
(Figure 5)
l
180
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL =500Ω, CL = 50pF, RE = High
(Figure 5)
l
9
µs
tSHDND
Time to Shutdown
RL = 500Ω, CL = 50pF, RE = High
(Figure 5)
l
180
ns
Driver – Slew Rate Limited ( LTC2862-2, LTC2863-2, LTC2864-2, LTC2865 with SLO Low)
fMAX
Maximum Data Rate
(Note 3)
l
250
kbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
850
1500
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
50
500
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±500
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL =100pF (Figure 4)
l
500
800
1200
ns
tZLD, tZHD
Driver Enable Time
RL = 500Ω, CL = 50pF, RE = 0V
(Figure 5)
l
1200
ns
tLZD, tHZD
Driver Disable Time
RL = 500Ω, CL = 50pF, RE = 0V
(Figure 5)
l
180
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = High
(Figure 5)
l
10
µs
tSHDND
Time to Shutdown
RL =500Ω, CL = 50pF, RE = High
(Figure 5)
l
180
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
50
65
ns
tSKEWR
Differential Receiver Skew
|tPLHR – tPHLR|
CL = 15pF (Figure 6)
2
9
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
12.5
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable Time
RL = 1k, CL = 15pF, DE = High (Figure 7) l
40
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V, (Figure 7) l
9
µs
tSHDNR
Time to Shutdown
RL = 1k, CL = 15pF, DE = 0V, (Figure 7) l
100
ns
swiTchinG characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V unless otherwise noted. (Note 2)
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3. Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4. This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150ºC when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may result in device degradation or failure.


Similar Part No. - LTC2864_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2864 LINER-LTC2864 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2864 LINER-LTC2864 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC2864 LINER-LTC2864 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2864 LINER-LTC2864 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2864 AD-LTC2864 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2864_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com