Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1312PC1-C6 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1312PC1-C6
Description  SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1312PC1-C6 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1312PC1-C6 Datasheet HTML 1Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 2Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 3Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 4Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 5Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 6Page - New Japan Radio NJG1312PC1-C6 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJG1312PC1
- 5 -
nTYPICAL CHARACTERISTICS
Driver Amp. Scattering Parameters Table
(V
DD=2.9V, Rs=180Ω, Zo=50Ω)
Freq.
S 11
S 21
S 12
S 22
mag
ang
mag
ang
mag
ang
mag
ang
(GHz)
(U)
(deg)
(U)
(deg)
(U)
(deg)
(U)
(deg)
0.50
0.902
-20.1
4.427
-177.6
0.036
53.9
0.763
-47.8
0.60
0.907
-25.8
4.762
172.6
0.040
49.6
0.757
-56.9
0.70
0.901
-31.2
4.897
164.1
0.044
45.4
0.699
-63.4
0.80
0.896
-36.8
5.018
155.4
0.048
41.9
0.701
-70.6
0.90
0.880
-41.9
4.992
147.8
0.051
37.6
0.667
-77.0
1.00
0.864
-46.9
5.006
140.2
0.053
35.0
0.660
-83.2
1.10
0.839
-52.0
4.891
133.3
0.055
32.6
0.651
-88.6
1.20
0.824
-56.6
4.837
126.4
0.058
28.1
0.636
-94.7
1.30
0.797
-61.1
4.675
120.3
0.061
27.1
0.642
-99.9
1.40
0.779
-65.6
4.580
113.7
0.061
22.8
0.636
-105.8
1.50
0.754
-69.6
4.428
108.0
0.063
21.4
0.640
-110.2
1.60
0.737
-73.8
4.301
102.0
0.064
19.0
0.640
-115.1
1.70
0.715
-77.4
4.122
96.9
0.064
15.3
0.640
-119.4
1.80
0.696
-81.3
3.973
91.6
0.067
13.3
0.643
-123.5
1.90
0.676
-84.5
3.800
86.3
0.066
10.4
0.644
-127.8
2.00
0.663
-88.0
3.653
81.2
0.067
7.8
0.648
-131.7
2.10
0.644
-90.8
3.478
76.5
0.068
6.2
0.651
-135.3
2.20
0.628
-93.9
3.334
71.9
0.068
3.9
0.659
-139.5
2.30
0.617
-96.3
3.163
67.3
0.069
1.7
0.662
-143.0
2.40
0.603
-98.9
3.016
62.7
0.069
-1.3
0.676
-147.1
2.50
0.594
-101.0
2.850
58.3
0.069
-3.5
0.683
-150.9
2.60
0.582
-102.9
2.702
54.1
0.070
-6.6
0.697
-154.6
2.70
0.577
-104.6
2.546
50.0
0.070
-10.5
0.706
-158.4
2.80
0.574
-106.1
2.389
46.3
0.069
-13.1
0.722
-161.9
2.90
0.577
-107.3
2.234
42.6
0.069
-17.0
0.733
-165.5
3.00
0.580
-108.4
2.069
39.6
0.066
-21.0
0.747
-168.9
NJG1312PC1
( TOP VIEW )
8
6
9
7
10
5
11
12
13
14
15
16
1
2
3
4
Rs
180
S22
S11
Ref.
Ref.
Driver Amp. Scattering Parameters


Similar Part No. - NJG1312PC1-C6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1312PC1-C6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com