Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2273 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2273
Description  16-Bit, 80Msps/65Msps Serial Output ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2273 Datasheet(HTML) 3 Page - Linear Technology

  LTC2273_15 Datasheet HTML 1Page - Linear Technology LTC2273_15 Datasheet HTML 2Page - Linear Technology LTC2273_15 Datasheet HTML 3Page - Linear Technology LTC2273_15 Datasheet HTML 4Page - Linear Technology LTC2273_15 Datasheet HTML 5Page - Linear Technology LTC2273_15 Datasheet HTML 6Page - Linear Technology LTC2273_15 Datasheet HTML 7Page - Linear Technology LTC2273_15 Datasheet HTML 8Page - Linear Technology LTC2273_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC2273/LTC2272
3
22732fa
ANALOG INPUT The l denotes denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ AIN–)
3.135V ≤ VDD ≤ 3.465V
l
1.5 or 2.25
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
l
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN+, AIN– ≤ VDD (Note 10)
l
–1
1
μA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD (Note 11)
–3
3
μA
CIN
Analog Input Capacitance
Sample Mode ENC+ < ENC
Hold Mode ENC+ > ENC
6.7
1.8
pF
pF
tAP
Sample-and-Hold
Acquisition Delay Time
1ns
tJITTER
Sample-and-Hold
Acquisition Delay Time Jitter
80
fsRMS
CMRR
Analog Input
Common Mode Rejection Ratio
1V < (AIN+ = AIN–) <1.5V
80
dB
BW-3dB
Full Power Bandwidth
RS ≤ 25Ω
700
MHz
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
LTC2273
LTC2272
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77.6
75.4
77.6
75.4
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0), TA = 25°C
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
76.5
76.2
77.5
77.2
75.3
76.5
76.2
77.5
77.2
75.3
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1), TA = 25°C
70MHz Input (1.5V Range, PGA = 1)
l
74.5
74.2
77.2
75.1
74.8
74.5
74.2
77.2
75.1
74.8
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
76.3
74.5
76.3
74.5
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
75.9
74.3
75.9
74.3
dBFS
dBFS
SFDR
Spurious Free Dynamic
Range 2nd or 3rd Harmonic
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
15MHz Input (2.25V Range, PGA = 0), TA = 25°C
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
85
84
95
95
100
85
84
95
95
100
dBc
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1), TA = 25°C
70MHz Input (1.5V Range, PGA = 1)
l
84
83
86
94
92
84
83
86
94
92
dBc
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
85
90
85
90
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
80
85
80
85
dBc
dBc


Similar Part No. - LTC2273_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273CUJ LINER-LTC2273CUJ Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273CUJ-PBF LINER-LTC2273CUJ-PBF Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273CUJ-TR LINER-LTC2273CUJ-TR Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273CUJ-TRPBF LINER-LTC2273CUJ-TRPBF Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273IUJ LINER-LTC2273IUJ Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results

Similar Description - LTC2273_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com