Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1308F-L1 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJG1308F-L1
Description  DRIVER-AMPLIFIER GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1308F-L1 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJG1308F-L1 Datasheet HTML 4Page - New Japan Radio NJG1308F-L1 Datasheet HTML 5Page - New Japan Radio NJG1308F-L1 Datasheet HTML 6Page - New Japan Radio NJG1308F-L1 Datasheet HTML 7Page - New Japan Radio NJG1308F-L1 Datasheet HTML 8Page - New Japan Radio NJG1308F-L1 Datasheet HTML 9Page - New Japan Radio NJG1308F-L1 Datasheet HTML 10Page - New Japan Radio NJG1308F-L1 Datasheet HTML 11Page - New Japan Radio NJG1308F-L1 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NJG1308F
- 8 -
nTYPICAL CHARACTERISTICS
Scattering Parameters (V
DD=3V)
nPIN CONNECTIONS AND FUNCTIONAL BLOCK DIAGRAM
Freq.
S 11
S 21
S 12
S 22
mag
ang
mag
ang
mag
ang
mag
ang
(GHz)
(U)
(deg)
(U)
(deg)
(U)
(deg)
(U)
(deg)
0.50
0.865
-26.1
4.892
174.0
0.029
52.0
0.718
-56.5
0.60
0.853
-32.2
5.060
163.2
0.030
48.7
0.681
-63.4
0.70
0.834
-38.2
5.093
152.9
0.033
46.2
0.648
-69.6
0.80
0.810
-43.7
5.046
143.5
0.035
46.4
0.626
-74.9
0.90
0.788
-48.5
4.974
134.5
0.036
44.5
0.603
-78.8
1.00
0.757
-52.8
4.801
126.4
0.038
43.5
0.590
-82.4
1.10
0.729
-56.7
4.650
118.6
0.039
42.7
0.580
-85.6
1.20
0.700
-60.3
4.457
111.5
0.041
44.0
0.579
-88.8
1.30
0.672
-63.1
4.271
104.6
0.043
43.3
0.577
-90.9
1.40
0.645
-65.6
4.083
98.0
0.045
44.6
0.581
-93.6
1.50
0.618
-67.7
3.893
91.3
0.046
44.0
0.588
-96.0
1.60
0.589
-69.0
3.687
85.2
0.049
43.8
0.597
-98.5
1.70
0.563
-69.7
3.509
79.3
0.051
42.4
0.612
-100.8
1.80
0.541
-69.8
3.317
72.9
0.055
40.3
0.630
-103.7
1.90
0.519
-69.6
3.122
66.5
0.058
38.3
0.650
-106.9
2.00
0.502
-67.9
2.904
60.0
0.060
35.8
0.671
-110.2
2.10
0.489
-65.9
2.696
53.6
0.063
31.4
0.700
-114.5
2.20
0.490
-62.3
2.432
46.6
0.065
25.7
0.728
-119.5
2.30
0.502
-58.9
2.150
39.1
0.065
17.4
0.764
-125.8
2.40
0.536
-55.6
1.814
31.9
0.066
8.5
0.795
-132.8
2.50
0.592
-53.5
1.409
24.6
0.062
-5.9
0.828
-142.1
2.60
0.669
-53.8
0.933
21.3
0.056
-24.0
0.846
-153.2
2.70
0.760
-56.9
0.461
41.1
0.050
-54.3
0.842
-166.5
2.80
0.851
-62.8
0.575
106.1
0.048
-96.7
0.800
178.6
2.90
0.920
-70.6
1.154
113.3
0.060
-140.4
0.731
161.6
3.00
0.951
-79.2
1.703
105.2
0.081
-172.8
0.624
144.2
Z
S=50Ω
Z
O=50Ω
RF IN
Z
O=50Ω
Z
L=50Ω
RF OUT
V
DD
3
4
6
AMP
1
5
2


Similar Part No. - NJG1308F-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1308F-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com