Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP4047SSDQ-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP4047SSDQ-13
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4047SSDQ-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP4047SSDQ-13 Datasheet HTML 1Page - Diodes Incorporated DMP4047SSDQ-13 Datasheet HTML 2Page - Diodes Incorporated DMP4047SSDQ-13 Datasheet HTML 3Page - Diodes Incorporated DMP4047SSDQ-13 Datasheet HTML 4Page - Diodes Incorporated DMP4047SSDQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP4047SSD
Document Number DS36353 Rev. 3 - 2
3 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP4047SSD
-V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0
5
10
15
20
25
30
V= -2.0V
GS
V= -3.0V
GS
V= -4.0V
GS
V= -4.5V
GS
V= -10V
GS
V= -5.0V
GS
0
1
2345
V= -2.5V
GS
V= -3.5V
GS
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
5
10
15
20
V
= -4.5V
GS
V
= -10V
GS
V
= -2.5V
GS
0
5
10
15
20
25
30
-I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0
0.5
1.5
1.0
2.0
V
= -4.5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
-50 -25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
V= -10V
I=
A
GS
D
-10
V=
5V
I=
A
GS
D
-4.
-5


Similar Part No. - DMP4047SSDQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4047SSDQ-13 DIODES-DMP4047SSDQ-13 Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP4047SSDQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD DIODES-DMP4050SSD_15 Datasheet
172Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4050SSD DIODES-DMP4050SSD Datasheet
707Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
DMP4025LSD DIODES-DMP4025LSD_15 Datasheet
292Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4047SSD DIODES-DMP4047SSD Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4026LSD DIODES-DMP4026LSD Datasheet
567Kb / 7P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com