Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2215L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2215L
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2215L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2215L_15 Datasheet HTML 1Page - Diodes Incorporated DMP2215L_15 Datasheet HTML 2Page - Diodes Incorporated DMP2215L_15 Datasheet HTML 3Page - Diodes Incorporated DMP2215L_15 Datasheet HTML 4Page - Diodes Incorporated DMP2215L_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP2215L
Document number: DS31125 Rev. 8 - 2
3 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMP2215L
-V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.0V
GS
V
= -10V
GS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -5.0V
GS
Fig. 2 Typical Transfer Characteristics
-V , GATE SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 150°C
A
V
= -5V
Pulsed
DS
T = 25°C
A
T = 85°C
A
0.01
0.1
1
0.01
0.1
1
10
-I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance vs. Drain Current and Gate Voltage
V
= -4.5V
GS
V
= -10V
GS
V
= -2.5V
GS
Fig. 4 Typical Total Capacitance
-V , DRAIN-SOURCE VOLTAGE (V)
DS
f = 1 MHz
V
= 0V
GS
Ciss
Coss
Crss
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 Gate Threshold Voltage vs. Ambient Temperature
-I = 250 A
D
µ
T , AMBIENT TEMPERATURE (C)
A
Fig. 6 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= -4.5V
I = -3.0A
GS
D
V
= -10V
I = -5.0A
GS
D
V
= -2.5V
I = -1.0A
GS
D


Similar Part No. - DMP2215L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2215L DIODES-DMP2215L_17 Datasheet
464Kb / 5P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMP2215L_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com