Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMDC-10-1-75 Datasheet(PDF) 1 Page - Tyco Electronics

Part # EMDC-10-1-75
Description  E-Series Coupler 5 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EMDC-10-1-75 Datasheet(HTML) 1 Page - Tyco Electronics

  EMDC-10-1-75 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series Coupler
5 - 1000 MHz
EMDC-10-1-75
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
Coupling: +10 dB Typical
Surface Mount
Specifications @ 25°C
Frequency Range
5 - 1000 MHz
Coupling
Nominal
Flatness
5 - 1000 MHz
10 ±1.1 dB
1 dB
Main Line Loss
Typical
Maximum
5 - 50 MHz
1.5 dB
1.9 dB
50 - 500 MHz
1.3 dB
1.7 dB
500 - 1000 MHz
1.4 dB
1.9 dB
Directivity
Typical
Minimum
5 - 50 MHz
22 dB
19 dB
50 - 500 MHz
20 dB
13 dB
500 - 1000 MHz
12 dB
6 dB
Return Loss
Typical
Minimum
16 dB
11 dB
Operating Characteristics
Impedance
75 Ohms Nominal
Ordering Information
Part No.
Packaging
EMDC-10-1-75
Tube
EMDC-10-1-75TR
Forward Tape & Reel
Absolute Maximum Ratings
SM-22
Pin Configuration
Function
Pin No.
Input
3
Output
4
Coupled
1
Ground
2
External 75 Ohms
5
q
q
S 1007 C
5
4
3
2
1
0.150
(3.81)
0.150
MAX
(3.81 MAX)
0.065
(1.65)
0.030
(0.762)
0.130
(3.30)
0.190
(4.83)
0.055
(1.397)
0.150
(3.81)
0.100
(2.54)
0.050
(1.27)
(0.762)
0.030
(0.762)
0.010
(0.25)
0.040
(1.02)
0.030
4
5
2
3
1
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage Temp.
-20°C to +85°C


Similar Part No. - EMDC-10-1-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
56Kb / 2P
   E-Series Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
EMDC-10-1 MA-COM-EMDC-10-1 Datasheet
45Kb / 2P
   E-Series Coupler 5 - 1000 MHz
logo
Tyco Electronics
EMDC-10-1TR MACOM-EMDC-10-1TR Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
EMDC-10-1TR MACOM-EMDC-10-1TR Datasheet
56Kb / 2P
   E-Series Coupler 5-1000 MHz
More results

Similar Description - EMDC-10-1-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
   E-Series Coupler 5-1000 MHz
EMDC-13-2 MACOM-EMDC-13-2 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
EMDC-17-1-75 MACOM-EMDC-17-1-75 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
logo
M/A-COM Technology Solu...
EMDC-10-1 MA-COM-EMDC-10-1 Datasheet
45Kb / 2P
   E-Series Coupler 5 - 1000 MHz
logo
Tyco Electronics
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
ESDC-17-3-75 MACOM-ESDC-17-3-75 Datasheet
104Kb / 1P
   E-Series Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160 Datasheet
154Kb / 3P
   E-Series Coupler 5 to 1000 MHz
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160 Datasheet
132Kb / 3P
   E-Series Coupler 5 to 1000 MHz
logo
Tyco Electronics
ELDC-8 MACOM-ELDC-8 Datasheet
165Kb / 2P
   E-Series 75Ohm Coupler 5-1000 MHz
ELDC-20 MACOM-ELDC-20 Datasheet
162Kb / 2P
   E-Series 75 Ohm Coupler 5 - 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com