Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD40-900H Datasheet(PDF) 1 Page - Tyco Electronics

Part # EMD40-900H
Description  E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EMD40-900H Datasheet(HTML) 1 Page - Tyco Electronics

  EMD40-900H Datasheet HTML 1Page - Tyco Electronics EMD40-900H Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001
CERTIFIED
Specifications Subject to Change Without Notice
E-Series HMIC Double Balanced Mixer
700 - 1400 MHz
EMD40-900H
Features
* SOIC-8 package
* IC process
* Low profile
* LO Drive +13dBm to +17dBm
Description
M/A-COM’s EMD40-900H is a passive double
balanced mixer in a low cost, surface mount SOIC-8
package. Fabricated using a mature silicon process
(HMIC), it is ideally suited for high volume cellular and
wireless applications. Typical applications include
frequency up/down conversion, modulation and
demodulation in GSM, AMPS, DAMPS and JDC
frequencies.
Schematic
Pin Configuration
Pin
Function
Pin
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF
Ordering Information
Part Number
Packaging
EMD40-900H
Tube
EMD40-900HTR
Tape and Reel
Specifications @ 25
°C
Frequency Range
700 - 1400 MHz
Conversion Loss
Maximum
Mean (x)
Sigma (
σ)
700 - 1000 MHz
9.0 dB
6.61 dB
.26
1000 - 1400 MHz
11.0 dB
8.99 dB
.29
L - R Isolation
Minimum
Typical
700 - 1000 MHz
29.0 dB
31.9 dB
1000 - 1400 MHz
28.0 dB
31.2 dB
L - I Isolation
Minimum
Typical
700 - 1000 MHz
24.0 dB
28.1 dB
1000 - 1400 MHz
20.0 dB
26.3 dB
LO VSWR
Maximum
Typical
700 - 1000 MHz
3.10
2.01
1000 - 1400 MHz
4.50
2.48
RF VSWR
Maximum
Typical
700 - 1000 MHz
3.30
1.70
1000 - 1400 MHz
5.00
4.01
IF VSWR
Maximum
Typical
DC - 400 MHz
1.40
1.16
Input IP3
Minimum
Typical
700 - 1000 MHz
16.0 dBm
22.3 dBm
1000 - 1400 MHz
19.0 dBm
24.8 dBm
IF 1.0 dB Bandwidth
DC - 500MHz
Input 1dB Compression
+7.0 dBm
Test conditions: LO drive = +17dBm, IF frequency = 60MHz. Mean and sigma calculated at 850MHz and 1200MHz.
S1232C
AMP M/A-COM Eurotec * Loughmahon Technology Park * Blackrock * Cork * Ireland * Tel: 353-21-808300 * Fax: 353-21-359935


Similar Part No. - EMD40-900H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-900L MACOM-EMD40-900L Datasheet
270Kb / 2P
   E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
EMD40-900LTR MACOM-EMD40-900LTR Datasheet
270Kb / 2P
   E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
EMD40-900LTR MACOM-EMD40-900LTR Datasheet
91Kb / 3P
   E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
EMD40-900L MACOM-EMD40-900L_1 Datasheet
91Kb / 3P
   E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
More results

Similar Description - EMD40-900H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-900L MACOM-EMD40-900L Datasheet
270Kb / 2P
   E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
logo
M/A-COM Technology Solu...
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT Datasheet
106Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1400 MHz
logo
Tyco Electronics
EMD40-900L MACOM-EMD40-900L_1 Datasheet
91Kb / 3P
   E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
EMD40-2400L MACOM-EMD40-2400L Datasheet
371Kb / 3P
   E-Series HMIC Double Balanced Mixer 1400 - 2500 MHz
EMD40-1800H MACOM-EMD40-1800H Datasheet
269Kb / 2P
   E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800L MACOM-EMD40-1800L Datasheet
269Kb / 2P
   E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MA4EX950H-1225T MA-COM-MA4EX950H-1225T Datasheet
72Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
logo
Tyco Electronics
MA4EX900L-MOT MACOM-MA4EX900L-MOT Datasheet
131Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1000 MHz
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
   Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com